Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2113MPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRS2113MPBF
Description  HIGH- AND LOW-SIDE DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2113MPBF Datasheet(HTML) 1 Page - International Rectifier

  IRS2113MPBF Datasheet HTML 1Page - International Rectifier IRS2113MPBF Datasheet HTML 2Page - International Rectifier IRS2113MPBF Datasheet HTML 3Page - International Rectifier IRS2113MPBF Datasheet HTML 4Page - International Rectifier IRS2113MPBF Datasheet HTML 5Page - International Rectifier IRS2113MPBF Datasheet HTML 6Page - International Rectifier IRS2113MPBF Datasheet HTML 7Page - International Rectifier IRS2113MPBF Datasheet HTML 8Page - International Rectifier IRS2113MPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
www.irf.com
© 2008 International Rectifier
February 8, 2012
IRS2113MPBF
HIGH- AND LOW-SIDE DRIVER
Features
•
Floating channel designed for bootstrap operation
•
Fully operational to +600 V
•
Tolerant to negative transient voltage – dV/dt
immune
•
Gate drive supply range from 10 V to 20 V
•
Undervoltage lockout for both channels
•
3.3 V input logic compatible
•
Separate logic supply range from 3.3 V to 20 V
•
Logic and power ground ±5 V offset
•
CMOS Schmitt-triggered inputs with pull-down
•
Cycle by cycle edge-triggered shutdown logic
•
Matched propagation delay for both channels
•
Output in phase with inputs
•
Leadfree, RoHS Compliant
Description
The IRS2113MPBF is a high voltage, high speed power
MOSFET and IGBT drivers with independent high and
low side referenced output channels. Proprietary HVIC
and latch immune CMOS technologies enable
ruggedized monolithic construction. The logic input is
compatible with standard CMOS or LSTTL output,
down to 3.3 V logic. The output drivers feature a high
pulse current buffer stage designed for minimum driver
cross-conduction. Propagation delays are matched to
simplify use in high frequency applications. The floating
channel can be used to drive an N-channel power
MOSFET or IGBT in the high side configuration which
operates up to 600 V.
Product Summary
Topology
2 channels
VOFFSET
600 V max
VOUT
10 V – 20 V
Io+ & I o- (typical)
2.5 A / 2.5 A
tON & tOFF (typical)
130 ns & 120 ns
Delay Matching
20 ns max
Package Option
MLPQ4x4-16-Lead
(without 2 leads)
Typical Connection Diagram
(Refer to Leads Assignment for correct pin configurations) This diagram shows electrical connections only.
Please refer to our Application Notes and Design Tips for proper circuit board layout.


Similar Part No. - IRS2113MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2113MPBF IRF-IRS2113MPBF Datasheet
906Kb / 22P
HIGH- AND LOW-SIDE DRIVER
logo
Infineon Technologies A...
IRS2113MPBF INFINEON-IRS2113MPBF Datasheet
906Kb / 22P
HIGH- AND LOW-SIDE DRIVER
February 8, 2012
More results

Similar Description - IRS2113MPBF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS2011PBF IRF-IRS2011PBF Datasheet
338Kb / 19P
HIGH AND LOW SIDE DRIVER
IRS2106 IRF-IRS2106_15 Datasheet
1Mb / 25P
HIGH AND LOW SIDE DRIVER
IRS2181 IRF-IRS2181_15 Datasheet
1Mb / 23P
HIGH AND LOW SIDE DRIVER
IRS2607DSPBF IRF-IRS2607DSPBF_15 Datasheet
833Kb / 28P
HIGH AND LOW SIDE DRIVER
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
High Side and Low Side Driver
logo
Infineon Technologies A...
IR2101 INFINEON-IR2101 Datasheet
148Kb / 14P
HIGH AND LOW SIDE DRIVER
IRS2005PBF INFINEON-IRS2005PBF Datasheet
1Mb / 19P
High and Low Side Driver
April 23, 2020
IRS2101PBF INFINEON-IRS2101PBF Datasheet
1Mb / 15P
HIGH AND LOW SIDE DRIVER
Data Sheet No. PD60250
logo
Shenzhen Huazhimei Semi...
HM2101 HMSEMI-HM2101 Datasheet
385Kb / 5P
High and Low Side Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com