Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2168D Datasheet(PDF) 13 Page - International Rectifier

Part # IRS2168D
Description  ADVANCED PFC BALLAST CONTROL IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2168D Datasheet(HTML) 13 Page - International Rectifier

Back Button IRS2168D Datasheet HTML 9Page - International Rectifier IRS2168D Datasheet HTML 10Page - International Rectifier IRS2168D Datasheet HTML 11Page - International Rectifier IRS2168D Datasheet HTML 12Page - International Rectifier IRS2168D Datasheet HTML 13Page - International Rectifier IRS2168D Datasheet HTML 14Page - International Rectifier IRS2168D Datasheet HTML 15Page - International Rectifier IRS2168D Datasheet HTML 16Page - International Rectifier IRS2168D Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
IRS2168D(S)PbF
www.irf.com
Page 13
ignition voltage) of the ballast output stage. Should this
voltage exceed the internal threshold of 1.2 V (VCSTH+), the
ignition regulation circuit controls the voltage on the VCO
pin to increase the frequency slightly (see Fig. 6). This
cycle-by-cycle feedback from the CS pin to the VCO pin
will adjust the frequency each cycle to limit the amplitude
of the current for the entire duration of ignition mode.
t
t
t
V
VCO
V
CS
VS
LO
HO
1.25V
2V
Figure 6:
Ignition regulation timing diagram
When CPH exceeds 2/3*VCC (VCPHRUN+) for the second
time, the IC enters run mode and the fault counter
becomes enabled. The ignition regulation disabled in run
mode but the IC will enter fault mode after 65 (nEVENTS)
consecutive over-current faults and gate driver outputs
HO, LO and PFC will be latched low.
The output voltage of the ballast will increase during the
ignition ramp tRAMP because the frequency ramp down
from the preheat frequency to the ignition frequency and
will be constant during ignition because the ignition
regulation circuit will regulate the amplitude of the current
for the entire duration of the ignition time tIGN (Figs. 7 and
8).
During ignition mode, the PFC circuit is working in high-
gain mode and keeps the DC bus voltage regulated at a
constant level.
The high-gain mode is necessary to
prevent the DC bus from decreasing during lamp ignition
or ignition regulation. Also during ignition mode, the
SD/EOL fault is disabled.
tPH
tIGN
tRAMP
VOUT
VCPH
Figure 7:
Ballast output voltage and CPH pin during
preheat and ignition with deactivated lamp, time span
100ms
tIGN
tRAMP
VOUT
VCPH
Figure 8:
Ballast output voltage and CPH pin during
preheat and ignition with deactivated lamp, time span
50ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com