Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8235A Datasheet(PDF) 12 Page - Seiko Instruments Inc

Part # S8235A
Description  FOR 3-SERIAL TO 5-SERIAL CELL PACK (SECONDARY PROTECTION)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8235A Datasheet(HTML) 12 Page - Seiko Instruments Inc

Back Button S8235A Datasheet HTML 8Page - Seiko Instruments Inc S8235A Datasheet HTML 9Page - Seiko Instruments Inc S8235A Datasheet HTML 10Page - Seiko Instruments Inc S8235A Datasheet HTML 11Page - Seiko Instruments Inc S8235A Datasheet HTML 12Page - Seiko Instruments Inc S8235A Datasheet HTML 13Page - Seiko Instruments Inc S8235A Datasheet HTML 14Page - Seiko Instruments Inc S8235A Datasheet HTML 15Page - Seiko Instruments Inc S8235A Datasheet HTML 16Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
FOR AUTOMOTIVE BATTERY PROTECTION IC FOR 3-SERIAL TO 5-SERIAL CELL PACK (SECONDARY PROTECTION)
S-8235A Series
Rev.1.5_00
Seiko Instruments Inc.
12
Battery Protection IC Connection Example
1. 8-serial cell (5-cell
+ 3-cell, cascade connection)
CVDD
CVC1
CVC2
CVC3
CVC4
CVC5
CVSS
CNPI
1 VDD
2 VC1
3 VC2
4 VC3
5 VC4
6 VC5
7 VSS
8 NPI
CLKI 11
CAO 10
9
RSTI 12
RSTO 13
CLKO 14
CAI 15
CTL 16
S-8235A
(1)
CO
1 VDD
2 VC1
3 VC2
4 VC3
5 VC4
6 VC5
7 VSS
8 NPI
CLKI 11
CAO 10
9
RSTI 12
RSTO 13
CLKO 14
CAI 15
CTL 16
S-8235A
(2)
CO
EB
+
EB
−
1 k
Ω
1 k
Ω
1 k
Ω
1 k
Ω
RIFCA
RIFC
RIFCLK
RIFRST
1 k
Ω
1 k
Ω
RVC1
RVC2
RVC3
RVC4
RVDD
CVDD
CVC1
CVC2
CVC3
CVC4
CVC5
CVSS
CNPI
RVC1
RVC2
RVC3
RVC4
RVC5
RVDD
RNPI
RVSS
1000 pF 1000 pF
1000 pF
1000 pF
RNPI
RVSS
RVC5
Input for reset signal
Input for clock signal
Output for chip active signal
Output for charge control
Figure 7
Table 7 Constants for External Components
Part
Min.
Typ.
Max.
Unit
RVDD, RNPI
0.1
1
1
k
Ω
RVCn, RVSS
0.25
1.2
1.2
k
Ω
RIFC, RIFCA, RIFCLK, RIFRST
−
5.1
−
M
Ω
CVDD, CNPI
0.075
0.1
1
μF
CVCn, CVSS
0.075
0.1
1
μF
Caution 1. The above constants are subject to change without prior notice.
2. The example of connection shown above and the constants will not guarantee successful
operation. Perform thorough evaluation using the actual application to set the constants.
3. RVC1 to RVC5 should be the same constant. CVDD, CVC1 to CVC5, CVSS, and CNPI should be the same
constant.
4. Set RVDD and CVDD so that the condition RVDD
× CVDD ≥ 7.5 × 10
-5 is satisfied.
5. Set RVCn and CVCn so that the condition 1.0
≤ (RVCn × CVCn) / (RVDD × CVDD) ≤ 1.2 is satisfied.
6. Connect RIFC, RIFCA, RIFCLK, and RIFRST as close to the input pin as possible.
Remark n = 1 to 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com