Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8235A Datasheet(PDF) 14 Page - Seiko Instruments Inc

Part # S8235A
Description  FOR 3-SERIAL TO 5-SERIAL CELL PACK (SECONDARY PROTECTION)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8235A Datasheet(HTML) 14 Page - Seiko Instruments Inc

Back Button S8235A Datasheet HTML 10Page - Seiko Instruments Inc S8235A Datasheet HTML 11Page - Seiko Instruments Inc S8235A Datasheet HTML 12Page - Seiko Instruments Inc S8235A Datasheet HTML 13Page - Seiko Instruments Inc S8235A Datasheet HTML 14Page - Seiko Instruments Inc S8235A Datasheet HTML 15Page - Seiko Instruments Inc S8235A Datasheet HTML 16Page - Seiko Instruments Inc S8235A Datasheet HTML 17Page - Seiko Instruments Inc S8235A Datasheet HTML 18Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
FOR AUTOMOTIVE BATTERY PROTECTION IC FOR 3-SERIAL TO 5-SERIAL CELL PACK (SECONDARY PROTECTION)
S-8235A Series
Rev.1.5_00
Seiko Instruments Inc.
14
2. RSTO pin
The RSTO pin outputs a reset signal to the next device. The reset signal is transmitted from the lower device to the
upper device. When "H" is input to the RSTI pin, the S-8235A Series is reset and performs a normal operation. When
inputting "L", the reset operation is released, and a self-test operation is initiated.
The RSTO pin outputs "L" after the 8th clock falling when inputting a clock signal (10 Hz typ.) to the CLKI pin (a1 in
Figure 9
). Thereby, a self-test operation in the next device is initiated.
The RSTO pin outputs "H" when inputting "H" to the RSTI pin (a2 in Figure 9).
3. CLKO pin
The CLKO pin outputs a clock signal to the next device. The clock signal is transmitted from the lower device to the
upper device. The CLKO pin outputs "L" when inputting "L" to the RSTI pin (b1 in Figure 9). After that, the CLKO pin
outputs "H" at the 9th clock or subsequent clocks, and outputs "L" after falling (b2 in Figure 9). Thereby, a clock signal
is input to the next device.
The CLKO pin outputs "H" when inputting "H" to the RSTI pin (b3 in Figure 9).
4. CAO pin
The CAO pin outputs a chip active signal to the next device. The signal is to confirm which device of the S-8235A
Series is in a self-test operation. The chip active signal is transmitted from the upper device to the lower device. The
CAO pin output signal from the 1st clock to the 8th clock is controlled according to a clock signal that is input to the
CLKI pin, and, at the 9th clock or subsequent clocks, it is controlled according to a signal that is input to the CAI pin of
the lower device from the CAO pin of the upper device.
The CAO pin outputs "H" at the 1st clock rising when inputting a clock signal to the CLKI pin after inputting "L" to the
RSTI pin (c1 in Figure 9). Thereby, it is possible to confirm that a self-test operation is performed.
And then, the CAO pin outputs "L" at the 8th clock falling (c2 in Figure 9).
At the 9th clock or subsequent clocks, the CAO pin outputs "H" at the next clock rising when inputting "H" to the CAI
pin (c3 in Figure 9). For this reason, the CAO pin of each device outputs "H" with a delay of 1 clock. Therefore, it is
possible to confirm which device is in a self-test operation if the CAO pin output of the lowest device is monitored.
When a self-test operation is performed in a device of "m" stage, the CAO pin output of the lowest device is as follows.
After that, the CAO pin outputs "L" when inputting "L" to the CAI pin (c4 in Figure 9).
m = 1:
The CAO pin outputs "H" at the 1st clock rising after inputting "L" to the RSTI pin.
m = 2 to 8:
The CAO pin outputs "H" at m clock rising after it outputs "L".
m
≥ 9:
The CAO pin maintains "L" after it outputs "L".
The CAO pin outputs "L" when inputting "H" to the RSTI pin (c5 in Figure 9).
5. VCn Pin (n = 2 to 5)
When inputting a clock signal to the CLKI pin, IVCL2 flows from the VC2 pin from the 1st clock rising to its falling (d1 in
Figure 9
). IVCL3 flows from the VC3 pin from the 2nd clock rising to its falling (d2 in Figure 9). And IVCH3 flows from the
VC3 pin from the 3rd clock rising until its falling (d3 in Figure 9). IVCH4 flows from the VC4 pin at the 4th clock (d4 in
Figure 9
). IVCH5 flows from the VC5 pin at the 5th clock (d5 in Figure 9).
6. Overcharge detection delay time (tCU) during self-test operation
When inputting a clock signal to the CLKI pin, tCU is shortened to 8 ms typ. from the 1st clock rising to the 7th clock
rising. The time period from when inputting "L" to the RSTI pin until the 1st clock rising and the time period from the 7th
clock rising to the 8th clock falling are shortened to 32 ms typ., respectively. tCU changes to the original value at the 9th
or subsequent clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com