Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD3138A Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138A
Description  Highly Integrated Digital Controller for Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD3138A Datasheet(HTML) 51 Page - Texas Instruments

Back Button UCD3138A Datasheet HTML 47Page - Texas Instruments UCD3138A Datasheet HTML 48Page - Texas Instruments UCD3138A Datasheet HTML 49Page - Texas Instruments UCD3138A Datasheet HTML 50Page - Texas Instruments UCD3138A Datasheet HTML 51Page - Texas Instruments UCD3138A Datasheet HTML 52Page - Texas Instruments UCD3138A Datasheet HTML 53Page - Texas Instruments UCD3138A Datasheet HTML 54Page - Texas Instruments UCD3138A Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 83 page
background image
Temperature
Sensor
Ch14
ADC 12
Temp Cal
UCD3138A
www.ti.com
SLUSC66B – MARCH 2015 – REVISED MAY 2015
PIN NUMBER
BIT
PIN_NAME
UCD3138A-64 PINS UCD3138A-40 PINS
11
FAULT[2]
42
25
10
FAULT[1]
36
23
9
FAULT[0]
35, 39
22
8
SYNC
12, 26,37
8, 21
7
DPWM3B
24
18
6
DPWM3A
23
17
5
DPWM2B
22
16
4
DPWM2A
21
15
3
DPWM1B
20
14
2
DPWM1A
19
13
1
DPWM0B
18
12
0
DPWM0A
17
11
6.15 Temperature Sensor Control
Temperature sensor control register provides internal temperature sensor enabling and trimming
capabilities. The internal temperature sensor is disabled as default.
Figure 6-20. Internal Temp Sensor
Temperature sensor is calibrated at room temperature (25°C) via a calibration register value.
The temperature sensor is measured using ADC12 (via Ch14). The temperature is then calculated using a
mathematical formula involving the calibration register (this effectively adds a delta to the ADC
measurement).
The temperature sensor can be enabled or disabled.
6.16 I/O Mux Control
In different packages of UCD3138A several I/O functions are multiplexed and routed toward a single
physical pin. I/O Mux Control register may be used in order to choose a single specific functionality that is
desired to be assigned to a physical device pin for your application.
6.17 Current Sharing Control
UCD3138A provides three separate modes of current sharing operation.
•
Analog bus current sharing
•
PWM bus current sharing
•
Master/Slave current sharing
Copyright © 2015, Texas Instruments Incorporated
Detailed Description
51
Submit Documentation Feedback
Product Folder Links: UCD3138A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com