Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD3138A Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138A
Description  Highly Integrated Digital Controller for Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD3138A Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCD3138A Datasheet HTML 3Page - Texas Instruments UCD3138A Datasheet HTML 4Page - Texas Instruments UCD3138A Datasheet HTML 5Page - Texas Instruments UCD3138A Datasheet HTML 6Page - Texas Instruments UCD3138A Datasheet HTML 7Page - Texas Instruments UCD3138A Datasheet HTML 8Page - Texas Instruments UCD3138A Datasheet HTML 9Page - Texas Instruments UCD3138A Datasheet HTML 10Page - Texas Instruments UCD3138A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 83 page
background image
UCD3138A
www.ti.com
SLUSC66B – MARCH 2015 – REVISED MAY 2015
3
Device Comparison
3.1
Product Selection Matrix
UCD3138A 64 PIN
UCD3138A 40 PIN
FEATURE
(RGC)
(RMH)
ARM7TDMI-S core processor
31.25 MHz
31.25 MHz
High resolution DPWM outputs (250-ps resolution)
8
8
Number of high speed independent feedback loops (number of regulated output
3
3
voltages)
12-bit, 267ksps, general-purpose ADC channels
14
7
Digital comparators at ADC outputs
4
4
Flash memory (program)
32 kB
32 kB
Flash memory (data)
2 kB
2 kB
Flash security
RAM
4 kB
4 kB
DPWM switching frequency
up to 2 MHz
up to 2 MHz
Programmable fault inputs
4
1 + 2(1)
High speed analog comparators with cycle-by-cycle current limiting
7(2)
6(2)
UART (SCI)
2
1(1)
PMBus
Timers
4 (16 bit) and 1 (24 bit)
4 (16 bit) and 1 (24 bit)
Timer PWM outputs
2
1
Timer capture inputs
1
1(1)
Watchdog
On chip oscillator
Power-on reset and brown-out reset
64 Pin VQFN (9 mm × 9
40 Pin WQFN (6 mm × 6
Package offering
mm)
mm)
Sync IN and sync OUT functions
Total GPIO (includes all pins with multiplexed functions such as, DPWM, fault
30
18
inputs, SCI, and so forth)
External interrupts
1
0
(1)
This number represents an alternate pin out that is programmable via firmware. See the UCD3138A Digital Power Peripherals
Programmer’s Manual for details.
(2)
To facilitate simple OVP and UVP connections both comparators B and C are connected to the AD03 pin.
Copyright © 2015, Texas Instruments Incorporated
Device Comparison
7
Submit Documentation Feedback
Product Folder Links: UCD3138A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com