Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD3138ARMHR Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138ARMHR
Description  Highly Integrated Digital Controller for Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD3138ARMHR Datasheet(HTML) 30 Page - Texas Instruments

Back Button UCD3138ARMHR Datasheet HTML 26Page - Texas Instruments UCD3138ARMHR Datasheet HTML 27Page - Texas Instruments UCD3138ARMHR Datasheet HTML 28Page - Texas Instruments UCD3138ARMHR Datasheet HTML 29Page - Texas Instruments UCD3138ARMHR Datasheet HTML 30Page - Texas Instruments UCD3138ARMHR Datasheet HTML 31Page - Texas Instruments UCD3138ARMHR Datasheet HTML 32Page - Texas Instruments UCD3138ARMHR Datasheet HTML 33Page - Texas Instruments UCD3138ARMHR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 83 page
background image
UCD3138A
SLUSC66B – MARCH 2015 – REVISED MAY 2015
www.ti.com
Table 6-1. Interrupt Priority Table (continued)
MODULE COMPONENT OR
NAME
DESCRIPTION
PRIORITY
REGISTER
CAPTURE_0_INT
24-bit timer control
24-bit Timer capture 0 interrupt
21
COMP_0_INT
24-bit timer control
24-bit Timer compare 0 interrupt
22
Mode switched in CPCC module Flag needs to be read
CPCC_INT
Constant power constant current
23
for details
ADC_CONV_INT
12-bit ADC control
ADC end of conversion interrupt
24
Analog comparator interrupts, overvoltage detection,
FAULT_INT
Fault Mux interrupt
25
undervoltage detection, LLM load step detection
DPWM3
DPWM3
Same as DPWM1
26
DPWM2
DPWM2
Same as DPWM1
27
1) Every (1 to 256) switching cycles
DPWM1
DPWM1
2) Fault detection
28
3) Mode switching
DPWM0
DPWM0
Same as DPWM1
29
EXT_FAULT_INT
External Faults
Fault pin interrupt
30
SYS_SSI_INT
System Software
System software interrupt
31 (highest)
6.5
DPWM Modes of Operation
The DPWM is a complex logic system which is highly configurable to support several different power
supply topologies. The discussion below will focus primarily on waveforms, timing and register settings,
rather than on logic design.
The DPWM is centered on a period counter, which counts up from 0 to PRD, and then is reset and starts
over again.
The DPWM logic causes transitions in many digital signals when the period counter hits the target value
for that signal.
6.5.1
Normal Mode
In Normal mode, the Filter output determines the pulse width on DPWM A. DPWM B fits into the rest of
the switching period, with a dead time separating it from the DPWM A on-time. It is useful for buck
topologies. The drawing of the Normal Mode waveforms is shown in Figure 6-1.
Cycle adjust A can be used to adjust pulse widths on individual phases of a multi-phase system. This can
be used for functions like current balancing. The Adaptive Sample Triggers can be used to sample in the
middle of the on-time (for an average output), or at the end of the on-time (to minimize phase delay) The
Adaptive Sample Register provides an offset from the center of the on-time. This can compensate for
external delays, such as MOSFET and gate driver turn on times.
Blanking A-Begin and Blanking A-End can be used to blank out noise from the MOSFET turn on at the
beginning of the period (DPWMA rising edge). Blanking B could be used at the turn off time of DPWMB.
The other edges are dynamic, so blanking is more difficult.
Cycle Adjust B has no effect in Normal Mode.
30
Detailed Description
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: UCD3138A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com