Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD3138ARMHR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138ARMHR
Description  Highly Integrated Digital Controller for Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD3138ARMHR Datasheet(HTML) 12 Page - Texas Instruments

Back Button UCD3138ARMHR Datasheet HTML 8Page - Texas Instruments UCD3138ARMHR Datasheet HTML 9Page - Texas Instruments UCD3138ARMHR Datasheet HTML 10Page - Texas Instruments UCD3138ARMHR Datasheet HTML 11Page - Texas Instruments UCD3138ARMHR Datasheet HTML 12Page - Texas Instruments UCD3138ARMHR Datasheet HTML 13Page - Texas Instruments UCD3138ARMHR Datasheet HTML 14Page - Texas Instruments UCD3138ARMHR Datasheet HTML 15Page - Texas Instruments UCD3138ARMHR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 83 page
background image
UCD3138A
SLUSC66B – MARCH 2015 – REVISED MAY 2015
www.ti.com
5
Specifications
5.1
Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
V33D to DGND
–0.3
3.8
V
V33DIO to DGND
–0.3
3.8
V
V33A to AGND
–0.3
3.8
V
Voltage
BP18 to DGND
–0.3
2.5
V
Ground difference, |DGND – AGND|
0.3
V
Applied to all pins, excluding AGND (2)
–0.3
3.8
V
Junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–55
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Referenced to DGND
5.2
ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
5.3
Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Digital power, V33D
3
3.3
3.6
V
Digital I/O power, V33DIO
3
3.3
3.6
Analog power, V33A
3
3.3
3.6
V
Junction temperature, TJ
–40
125
°C
1.8-V digital power, BP18
1.6
1.8
2
V
12
Specifications
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: UCD3138A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com