Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD3138128 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138128
Description  UCD3138x Highly-Integrated Digital Controller For Isolated Power
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD3138128 Datasheet(HTML) 12 Page - Texas Instruments

Back Button UCD3138128 Datasheet HTML 8Page - Texas Instruments UCD3138128 Datasheet HTML 9Page - Texas Instruments UCD3138128 Datasheet HTML 10Page - Texas Instruments UCD3138128 Datasheet HTML 11Page - Texas Instruments UCD3138128 Datasheet HTML 12Page - Texas Instruments UCD3138128 Datasheet HTML 13Page - Texas Instruments UCD3138128 Datasheet HTML 14Page - Texas Instruments UCD3138128 Datasheet HTML 15Page - Texas Instruments UCD3138128 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 80 page
background image
UCD3138128, UCD3138A64
SLUSBZ8A – JUNE 2014 – REVISED SEPTEMBER 2014
www.ti.com
Timing Characteristics (continued)
V33A = V33D = V33DIO = 3.3V; 1
μF from BP18 to DGND, TJ = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Program time to write one word in data
40
µs
flash
Sync-in/sync-out pulse width
Sync pin
256
ns
POWER ON RESET AND BROWN OUT (V33A pin, See Figure 3)
Time delay after Power is good or
tPOR
1
ms
RESET* relinquished
IRESET goes from a low state to a high
The time it takes from the device to exit a
state. This is approximately equivalent
tEXC1
reset state and begin executing the boot
0.5
ms
to toggling the external reset pin from
flash.(1)
low to high state.
IRESET goes from a low state to a high
The time it takes from the device to exit a
state. This is approximately equivalent
tEXC2
reset state and begin executing program
3
ms
to toggling the external reset pin from
flash bank 0 (32 kB).(1)
low to high state.
IRESET goes from a low state to a high
The time it takes from the device to exit a
state. This is approximately equivalent
tEXCT
reset state and begin executing the total
6
ms
to toggling the external reset pin from
program flash (64 kB).(1)
low to high state.
TEMPERATURE SENSOR(1)
tON
Turn on time / settling time of sensor
100
μs
ANALOG COMPARATOR
Bits
7
bits
INL(3)
–0.42
0.21
LSB
DNL(3)
0.06
0.12
LSB
Time to disable DPWM output based on 0
V to 2.5 V step input on the analog
90
150
ns
comparator.(3)
(3)
Characterized by design and not production tested.
8.7 PMBUS/SMBUS/IC Timing
2
The timing characteristics and timing diagram for the communications interface that supports I2C, SMBus, and
PMBus in Slave or Master mode are shown in the Timing Requirements, Figure 1, and Figure 2. The numbers in
the Timing Requirements are for 400 kHz operating frequency. However, the device supports two speeds,
standard (100 kHz) and fast (400 kHz).
8.8 Timing Requirements
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
Typical values at TA = 25°C and VCC = 3.3 V (unless otherwise noted)
fSMB
SMBus/PMBus operating frequency
Slave mode, SMBC 50% duty cycle
100
400
kHz
fI2C
I2C operating frequency
Slave mode, SCL 50% duty cycle
100
400
kHz
Bus free time between start and
t(BUF)
1.3
µs
stop(1)
t(HD:STA)
Hold time after (repeated) start(1)
0.6
µs
t(SU:STA)
Repeated start setup time(1)
0.6
µs
t(SU:STO)
Stop setup time(1)
0.6
µs
t(HD:DAT)
Data hold time
Receive mode
0
ns
t(SU:DAT)
Data setup time
100
ns
t(TIMEOUT)
Error signal/detect(2)
35
ms
t(LOW)
Clock low period
1.3
µs
(1)
Fast mode, 400 kHz
(2)
The device times out when any clock low exceeds t(TIMEOUT).
12
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: UCD3138128 UCD3138A64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com