Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

88CXXG-AE5-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # 88CXXG-AE5-R
Description  BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

88CXXG-AE5-R Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button 88CXXG-AE5-R Datasheet HTML 4Page - Unisonic Technologies 88CXXG-AE5-R Datasheet HTML 5Page - Unisonic Technologies 88CXXG-AE5-R Datasheet HTML 6Page - Unisonic Technologies 88CXXG-AE5-R Datasheet HTML 7Page - Unisonic Technologies 88CXXG-AE5-R Datasheet HTML 8Page - Unisonic Technologies 88CXXG-AE5-R Datasheet HTML 9Page - Unisonic Technologies 88CXXG-AE5-R Datasheet HTML 10Page - Unisonic Technologies 88CXXG-AE5-R Datasheet HTML 11Page - Unisonic Technologies 88CXXG-AE5-R Datasheet HTML 12Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
88CXX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 12
www.unisonic.com.tw
QW-R502-040. K
TYPICAL CHARACTERISTICS(Cont.)
88C28
2.80
2.70
2.60
2.50
2.40
3.00
2.90
-40
-20
0
20
40
60
80
Temperature,TA(°С)
Detection Voltage vs. Temperature
-40
-20
0
20
40
60
80
Temperature,TA(°С)
3
4
5
6
7
8
Hystersis Voltage Width vs. Temperature
+VDET
-VDET
2.5
2.0
1.5
1.0
0.5
0.0
0
2
4
6
8
10
12
Input Voltage, VDD (V)
Current Consumption vs. Input Voltage
3.0
3.66
TA=25°С
P-CH Transistor Output Current vs. VDS
20
15
0
0
2
4
VDS (V)
6
VDD=7.2V
VDD=6.0V
VDD=4.8V
VDD=3.6V
10
5
VDD=8.4V
810
TA=25°С
1
10
100
1000
0.1
1
100
10
Load Capacitance (nF)
tPHL
TA=25°С
Dynamic Response vs. COUT (CD pin; open)
0.1
tPLH
12
10
8
6
0
0
0.5
1.0
VDS (V)
1.5
VDD=2.4V
VDD=1.2V
4
2
2.0
2.5
N-CH Transistor Output Current - VDS
TA=25°С



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com