Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

88CXXG-AE5-R Datasheet(PDF) 11 Page - Unisonic Technologies

Part # 88CXXG-AE5-R
Description  BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

88CXXG-AE5-R Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button 88CXXG-AE5-R Datasheet HTML 4Page - Unisonic Technologies 88CXXG-AE5-R Datasheet HTML 5Page - Unisonic Technologies 88CXXG-AE5-R Datasheet HTML 6Page - Unisonic Technologies 88CXXG-AE5-R Datasheet HTML 7Page - Unisonic Technologies 88CXXG-AE5-R Datasheet HTML 8Page - Unisonic Technologies 88CXXG-AE5-R Datasheet HTML 9Page - Unisonic Technologies 88CXXG-AE5-R Datasheet HTML 10Page - Unisonic Technologies 88CXXG-AE5-R Datasheet HTML 11Page - Unisonic Technologies 88CXXG-AE5-R Datasheet HTML 12Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
88CXX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
11 of 12
www.unisonic.com.tw
QW-R502-040. K
TYPICAL CHARACTERISTICS(Cont.)
-40
-20
0
20
40
60
80
Temperature,TA(°С)
0.0
0.5
1.0
2.0
2.5
Current Consumpation vs. Tempreature
VDD=4.5V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.5
1.5
0
12
Input Voltage,VDD(V)
N-CH Transisor Output Current vs. Input Voltage
VDS=0.5V
3.5
4.0
4.5
5.0
TA=-40°С
TA=25°С
TA=85°С
1.5
3
5.5
6.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
2
04
8
12
610
Input Voltage,VDD(V)
P-CH Transistor Output Current vs. Input Voltage
VDS=0.5V
3.5
4.0
TA=-40°С
TA=25°С
TA=85°С
4.5
-40
-20
0
20
40
60
80
Temperature,TA(°С)
0
10
20
30
40
Delay Time vs. Temperature
CD=4.7nF
10
100
1000
1
0.1
0.01
10
1000
1
0.1
10000
100
CD Pin Capacitance,CD(nF)
Delay Time vs. CD Pin Capacitance
TA=25°С
50
60
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com