Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

88NXXG-AD4-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 88NXXG-AD4-R
Description  BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

88NXXG-AD4-R Datasheet(HTML) 4 Page - Unisonic Technologies

  88NXXG-AD4-R Datasheet HTML 1Page - Unisonic Technologies 88NXXG-AD4-R Datasheet HTML 2Page - Unisonic Technologies 88NXXG-AD4-R Datasheet HTML 3Page - Unisonic Technologies 88NXXG-AD4-R Datasheet HTML 4Page - Unisonic Technologies 88NXXG-AD4-R Datasheet HTML 5Page - Unisonic Technologies 88NXXG-AD4-R Datasheet HTML 6Page - Unisonic Technologies 88NXXG-AD4-R Datasheet HTML 7Page - Unisonic Technologies 88NXXG-AD4-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
88NXX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R502-368.G
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Power Supply Voltage
VDD - VSS
12
V
CD pin Input Voltage
VCD
VSS -0.3 ~ VDD+0.3
V
Output Voltage
VOUT
VSS -0.3 ~ VSS +12
V
Output Current
IOUT
50
mA
Power Dissipation
SOT-143
PD
150
mW
SOT-25
250
mW
Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-40 ~ +125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Detection Voltage: 1.4V
PARAMETER
SYMBOL
TEST
CIRCUIT
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Detection Voltage (Note 1)
-VDET
1
-VDET(S)
×0.98
-VDET(S)
-VDET(S)
×1.02
V
Hysteresis Width
VHYS
1
-VDET
×0.02
-VDET
×0.05
-VDET
×0.08
V
Current Consumption
ISS
2
VDD= 2.0V
2.5
μA
Operating Voltage
VDD
1
0.95
10.0
V
Output Current
IOUT
3
Output transistor
Nch, VDS=0.5V,VDD=0.95V
0.23
0.64
mA
Leakage Current
ILEAK
3
Output transistor
Nch, VDS=10V, VDD=10V
0.1
μA
Detection Voltage Temperature
Coefficient (Note 2)
DET
DET
V
-
×
Ta
∆
V
-
∆
1
TA=-40°C ~ +85°C
±100
±350 ppm/°C
Delay Time
tD
4
VDD= 2V, CD=4.7 nF
20
42
ms
Detection Voltage: 1.8V
PARAMETER
SYMBOL
TEST
CIRCUIT
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Detection Voltage (Note 1)
-VDET
1
-VDET(S)
×0.98
-VDET(S)
-VDET(S)
×1.02
V
Hysteresis Width
VHYS
1
-VDET
×0.02
-VDET
×0.05
-VDET
×0.08
V
Current Consumption
ISS
2
VDD=3.5V
2.8
μA
Operating Voltage
VDD
1
0.95
10.0
V
Output Current
IOUT
3
Output transistor
Nch, VDS=0.5V,VDD=1.2V
0.59
1.36
mA
Leakage Current
ILEAK
3
Output transistor
Nch, VDS=10V, VDD=10V
0.1
μA
Detection Voltage Temperature
Coefficient (Note 2)
DET
DET
V
-
×
Ta
∆
V
-
∆
1
TA=-40°C ~ +85°C
±100
±350 ppm/°C
Delay Time
tD
4
VDD=3.5V, CD=4.7 nF
20
42
ms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com