Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

88NXXG-AD4-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 88NXXG-AD4-R
Description  BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

88NXXG-AD4-R Datasheet(HTML) 1 Page - Unisonic Technologies

  88NXXG-AD4-R Datasheet HTML 1Page - Unisonic Technologies 88NXXG-AD4-R Datasheet HTML 2Page - Unisonic Technologies 88NXXG-AD4-R Datasheet HTML 3Page - Unisonic Technologies 88NXXG-AD4-R Datasheet HTML 4Page - Unisonic Technologies 88NXXG-AD4-R Datasheet HTML 5Page - Unisonic Technologies 88NXXG-AD4-R Datasheet HTML 6Page - Unisonic Technologies 88NXXG-AD4-R Datasheet HTML 7Page - Unisonic Technologies 88NXXG-AD4-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
88NXX
CMOS IC
www.unisonic.com.tw
1 of 8
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-368.G
BUILT-IN DELAY CIRCUIT
HIGH-PRECISION VOLTAGE
DETECTOR
DESCRIPTION
The UTC 88NXX is a
high-precision voltage detector developed
basing on CMOS technology. The detection voltage is fixed internally.
A
time delayed reset can be accomplished with an external
capacitor. N-ch open-drain output form is available.
The UTC 88NXX is generally used for power supply monitor of
portable equipment such as notebook PCs, digital still cameras, PDAs,
and mobile phones, constant voltage power monitor of cameras, video
equipment and communication equipment, and power monitor or reset of
CPUs and microcomputers.
FEATURES
* Extremely Low Current Dissipation :
1.2μA Typ. (Detection Voltage ≥ 1.5 V @ VDD=3.5 V)
* ±2.0 % Accuracy Detection Voltage
* Hysteresis Characteristics: 5% TYP
* Detection Voltage varies from 1.5V to 6.0V with 0.1V step
* Output Forms: N-ch open-drain output (when it is in Active-Low)
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
88NXXL-AD4-R
88NXXG-AD4-R
SOT-143
Tape Reel
-
88NXXG-AF5-R
SOT-25
Tape Reel
Note: XX: Output Voltage, refer to Marking Information.


Similar Part No. - 88NXXG-AD4-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
88NXXG-AD4-R UTC-88NXXG-AD4-R Datasheet
234Kb / 8P
BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
88NXXG-AD4-R UTC-88NXXG-AD4-R Datasheet
242Kb / 8P
BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
88NXXG-AD4-R UTC-88NXXG-AD4-R Datasheet
237Kb / 8P
CMOS IC
More results

Similar Description - 88NXXG-AD4-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
88CXX UTC-88CXX Datasheet
215Kb / 16P
BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
logo
Torex Semiconductor
XC61H TOREX-XC61H Datasheet
574Kb / 13P
Voltage Detector with Delay Circuit Built-In
logo
Unisonic Technologies
88CXX UTC-88CXX_10 Datasheet
258Kb / 13P
BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
88NXX UTC-88NXX Datasheet
185Kb / 5P
BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
88NXX UTC-88NXX_11 Datasheet
234Kb / 8P
BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
88CXX UTC-88CXX_12 Datasheet
330Kb / 12P
BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
88NXX_1112 UTC-88NXX_1112 Datasheet
242Kb / 8P
BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
logo
Leshan Radio Company
LR8809 LRC-LR8809 Datasheet
441Kb / 7P
ULTRA-SMALL BUILT-IN DELAY HIGH-PRECISION VOLTAGE DETECTOR
logo
Unisonic Technologies
88CXX UTC-88CXX_15 Datasheet
320Kb / 12P
BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9509C E-CMOS-EC9509C Datasheet
491Kb / 10P
BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com