Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSRB01G-AG6-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UPSRB01G-AG6-R
Description  HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPSRB01G-AG6-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UPSRB01G-AG6-R Datasheet HTML 1Page - Unisonic Technologies UPSRB01G-AG6-R Datasheet HTML 2Page - Unisonic Technologies UPSRB01G-AG6-R Datasheet HTML 3Page - Unisonic Technologies UPSRB01G-AG6-R Datasheet HTML 4Page - Unisonic Technologies UPSRB01G-AG6-R Datasheet HTML 5Page - Unisonic Technologies UPSRB01G-AG6-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UPSRB01
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R103-078.A
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
VDD Voltage
VDD
-0.3~30
V
VC Voltage
VC
-0.3~7
V
BASE Voltage
VBASE
-0.3~7
V
CS Input Voltage
VCS
-0.3~7
V
FB Input Voltage
VFB
-0.3~7
V
Junction Temperature
TJ
-40~150
°C
Storage Temperature
TSTG
-55~150
°C
Lead Temperature (Soldering, 10 secs)
TOPR
260
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°C, VDD=15V, if not otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage (VDD) Section
Start up Current
IST
VDD=11V
1
3
μA
Static Current
IOP
VDD=15V
300
400
μA
Turn-off Threshold Voltage
VTH(OFF)
6.0
6.8
7.6
V
Turn-on Threshold Voltage
VTH (ON)
11.5
12.5
13.5
V
VDD Over Voltage Protection
VDD_OVP
25
27
29
V
Operating Voltage
25
V
Current Sense Input Section
LEB Time
TLEB
0.5
μS
Over Current Threshold
VCS
420
460
500
mV
OCP Propagation Delay
TD_OC
From OCP Comparator to
Base Drive
100
nS
FB Input Section
Reference Voltage for Feedback
Threshold
VFB
1.50
1.55
1.60
V
Minimum Pause
TPAUSE_MIN
2.0
μS
Maximum Pause
TPAUSE_MAX
8
10
12
mS
Maximum Cable Compensation
Current
ICABLE
23
26
29
μA
BASE Drive Section
Base Sourcing Maximum Current
IOUT(SOURCE)
20
30
40
mA
Base Sourcing Current After Pre-off
IOUT(PRE)
0.5
1
1.5
mA
Base Drive Low Side On Resistor
RDSON_L
1
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com