Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSRB01G-AG6-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UPSRB01G-AG6-R
Description  HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPSRB01G-AG6-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UPSRB01G-AG6-R Datasheet HTML 1Page - Unisonic Technologies UPSRB01G-AG6-R Datasheet HTML 2Page - Unisonic Technologies UPSRB01G-AG6-R Datasheet HTML 3Page - Unisonic Technologies UPSRB01G-AG6-R Datasheet HTML 4Page - Unisonic Technologies UPSRB01G-AG6-R Datasheet HTML 5Page - Unisonic Technologies UPSRB01G-AG6-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UPSRB01
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R103-078.A
OPERATION DESCRIPTION
The UTC UPSRB01 is a primary control unit for switch mode charger and adapter applications. It operates in
primary-side sensing and regulation. Opto-coupler and TL431 could be eliminated. Proprietary built-in CV and CC
control can achieve high precision CV/CC performance. It uses Pulse Frequency Modulation (PFM) method to build
discontinuous conduction mode (DCM) flyback power supplies.
Startup control
The VDD pin of UTC UPSRB01 is connected to the line input through a resistor. A large value startup resistor can
be used to minimize the power loss in application because the start current of UTC UPSRB01 is very low. When the
VDD voltage reaches VTH (ON), the internal startup circuit is disabled and the IC turns on.
Operating Current
The Operating current of UTC UPSRB01 is as low as 400μA. Good efficiency and very low standby power can be
achieved.
Constant Voltage Operation
The output voltage is defined by the transmission ratio between the secondary and auxiliary winding. The UTC
UPSRB01
captures the auxiliary winding feedback voltage at FB pin and operates in constant-voltage (CV) mode to
regulate the output voltage. The auxiliary voltage reflects the output voltage is given by:
V
+
V
×
N
N
=
V
O
S
A
AUX
(1)
Where △V indicates the drop voltage of the output diode.
Figure2. Auxiliary voltage waveform
Via a resistor divider connected between the auxiliary winding and FB, the VAUX is sampled at the Tsampling end
and it is hold until the next sampling. The sampled voltage is compared with 2V reference voltage and the error is
amplified. The error amplifier output reflects the load condition and controls the Toff time to regulate the output
voltage, thus constant output voltage can be achieved.
Constant Current Operation
When the sampled voltage is below 2V reference voltage and the error amplifier output reaches its maximum, thus
UTC UPSRB01 operates in constant-current (CC) mode. The CC point and maximum output power can be
externally adjusted by external current sense resistor Rcs. The larger Rcs, the smaller CC point is, and the smaller
output power becomes.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com