Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX680 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX680
Description  5V to 짹10V Voltage Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX680 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX680 Datasheet HTML 1Page - Maxim Integrated Products MAX680 Datasheet HTML 2Page - Maxim Integrated Products MAX680 Datasheet HTML 3Page - Maxim Integrated Products MAX680 Datasheet HTML 4Page - Maxim Integrated Products MAX680 Datasheet HTML 5Page - Maxim Integrated Products MAX680 Datasheet HTML 6Page - Maxim Integrated Products MAX680 Datasheet HTML 7Page - Maxim Integrated Products MAX680 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
+5V to ±10V Voltage Converters
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +5V, test circuit Figure 1, TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC ................................................................................... +6.2V
V+ ...................................................................................... +12V
V- ..........................................................................................-12V
V- Short-Circuit Duration ...........................................Continuous
V+ Current ..........................................................................75mA
VCC ∆V/∆T ..........................................................................1V/µs
Continuous Power Dissipation (TA = +70°C)
8-Pin Plastic DIP (derate 9.09mW/°C above +70°C) . ....727mW
8-Pin Narrow SO (derate 5.88mW/°C above +70°C) .....471mW
8-Pin CERDIP (derate 8.00mW/°C above +70°C) ..........640mW
14-Pin Plastic DIP (derate 10.00mW/°C above +70°C) ...800mW
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
kHz
48
Oscillator Frequency
Positive Charge-Pump
Output Source Resistance
2.5
12
0.5
1
400
350
180
300
3
3
Supply Current
mA
2.0
1.5 to 6.0
6.0
Supply-Voltage Range
150
250
MIN
TYP
MAX
VCC = 5V, 0°C ≤ TA ≤ +70°C, RL = ∞
VCC = 3V, TA = +25°C, RL = ∞
VCC = 5V, TA = +25°C, RL = ∞
IL+ = 10mA,
IL- = 0mA,
VCC = 5V
IL+ = 5mA, IL- = 0mA, VCC = 2.8V,
TA = +25°C
VCC = 5V, -40°C ≤ TA ≤ +85°C, RL = ∞
VCC = 5V, -55°C ≤ TA ≤ +125°C, RL = ∞
MIN
≤ TA ≤ MAX, RL = 10kΩ
IL+ = 10mA, IL- = 0mA, VCC = 5V,
TA = +25°C
CONDITIONS
UNITS
PARAMETER
V+, RL = ∞
RL = 10kΩ
95
99
%
85
Power Efficiency
IL- = 10mA,
IL+ = 0mA,
V+ = 10V
IL- = 5mA, IL+ = 0mA, V+ = 5.6V,
TA = +25°C
IL- = 10mA, IL+ = 0mA, V+ = 10V,
TA = +25°C
Negative Charge-Pump
Output Source Resistance
250
200
110
175
90
150
V-, RL = ∞
%
90
97
Voltage-Conversion
Efficiency
V
325
200
0°C
≤ TA ≤ +70°C
-40°C
≤ TA ≤ +85°C
-55°C
≤ TA ≤ +125°C
0°C
≤ TA ≤ +70°C
-40°C
≤ TA ≤ +85°C
-55°C
≤ TA ≤ +125°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com