Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6803 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6803
Description  4-Pin, Low-Power 關P Reset Circuits with Manual Reset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6803 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6803 Datasheet HTML 1Page - Maxim Integrated Products MAX6803 Datasheet HTML 2Page - Maxim Integrated Products MAX6803 Datasheet HTML 3Page - Maxim Integrated Products MAX6803 Datasheet HTML 4Page - Maxim Integrated Products MAX6803 Datasheet HTML 5Page - Maxim Integrated Products MAX6803 Datasheet HTML 6Page - Maxim Integrated Products MAX6803 Datasheet HTML 7Page - Maxim Integrated Products MAX6803 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
4-Pin, Low-Power
µP Reset Circuits with Manual Reset
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(
VCC = full range, TA = -40°C to +125°C, unless otherwise noted. Typical values are at VCC = +5.0V and TA = +25°C, reset not
asserted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Terminal Voltage (with respect to GND)
VCC ......................................................................-0.3V to +6V
Push/Pull RESET or RESET, MR ............-0.3V to (VCC + 0.3V)
Open-Drain RESET ..............................................-0.3V to +6V
Input Current (VCC) .............................................................20mA
Output Current (RESET, RESET).........................................20mA
Continuous Power Dissipation (TA = +70°C)
4-Pin SOT143 (derate 4mW/°C above +70°C) ............320mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX6803/MAX6804
0.7
5.5
TA = 0°C to +125°C
MAX6805
1.0
5.5
MAX6803/MAX6804
0.78
5.5
Supply Voltage Range
(Note 1)
VCC
TA = -40°C to +125°C
MAX6805
1.2
5.5
V
VCC = +3.0V
4
10
Supply Current
ICC
No load
VCC = +5.0V
5
12
µA
TA = +25°C
VTH
- 1.8%
VTH
VTH
+ 1.8%
Reset Threshold
VTH
MAX680_US_ _D_-T,
Table 1
TA = -40°C to +125°C
VTH
- 3%
VTH
VTH
+ 3%
V
VCC Falling Reset Delay
VCC falling at 10V/ms
30
µs
MAX680_US_ _D1-T
1
1.5
2
MAX680_US_ _D2-T
20
30
40
Reset Active Timeout Period
tRP
MAX680_US_ _D3-T
100
150
200
ms
MR Minimum Pulse Width
1µs
MR Glitch Immunity
50
ns
MR Reset Delay
0.1
µs
VIL
0.3 ✕ VCC
MR Input Voltage
VIH
0.7 ✕ VCC
V
MR Pullup Resistance
12
20
30
k
Ω
ISINK = 50µA, VCC
≥ 1.0V
0.4
ISINK = 1.2mA, VCC
≥ 2.5V
0.3
RESET Output Low Voltage
(MAX6804/MAX6805)
VOL
Reset
asserted
ISINK = 3.2mA, VCC
≥ 4.25V
0.4
V
ISOURCE = 500µA, VCC
≥ 3.0V
0.8 ✕ VCC
RESET Output High Voltage
(MAX6804)
VOH
Reset not
asserted
ISOURCE = 800µA, VCC
≥ 5.0V
0.8 ✕ VCC
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com