Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6803 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6803
Description  4-Pin, Low-Power 關P Reset Circuits with Manual Reset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6803 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6803 Datasheet HTML 1Page - Maxim Integrated Products MAX6803 Datasheet HTML 2Page - Maxim Integrated Products MAX6803 Datasheet HTML 3Page - Maxim Integrated Products MAX6803 Datasheet HTML 4Page - Maxim Integrated Products MAX6803 Datasheet HTML 5Page - Maxim Integrated Products MAX6803 Datasheet HTML 6Page - Maxim Integrated Products MAX6803 Datasheet HTML 7Page - Maxim Integrated Products MAX6803 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
4-Pin, Low-Power
µP Reset Circuits with Manual Reset
_______________________________________________________________________________________
3
3.0
4.0
3.5
5.0
4.5
6.0
5.5
6.5
-50
0
25
-25
50
75
100
125
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
VCC = +5.0V
VCC = +3.3V
0.950
0.980
0.970
0.960
1.000
0.990
1.040
1.030
1.020
1.010
1.050
-50
-25
0
25
50
75
100
125
NORMALIZED RESET TIMEOUT PERIOD
vs. TEMPERATURE
TEMPERATURE (
°C)
80
60
40
20
0
1.0
1.5
2.5
3.0
OUTPUT VOLTAGE LOW
vs. SUPPLY VOLTAGE
VCC (V)
+25
°C
-40
°C
+125
°C
+85
°C
VTH = 2.93V
ISINK = 500
µA
RESET
2.0
100
75
50
25
0
1.0
2.0
1.5
2.5
OUTPUT VOLTAGE HIGH
vs. SUPPLY VOLTAGE
VCC (V)
+25
°C
-40
°C
+125
°C
+85
°C
VTH = 2.93V
ISINK = 100
µA
RESET ASSERTED
(MAX6803)
3.0
100
1000
0
100
200
400
300
500
600
0.1
1
10
MAXIMUM TRANSIENT DURATION
vs. RESET COMPARATOR OVERDRIVE
RESET COMPARATOR OVERDRIVE (mV)
RESET OCCURS
RESET DOES
NOT OCCUR
0
30
20
10
50
40
90
80
70
60
100
-50
-25
0
25
50
75
100
125
VCC FALLING PROPAGATION DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
VCC = FALLING AT 1V/ms
VCC = FALLING AT 10V/ms
__________________________________________Typical Operating Characteristics
(Reset not asserted, TA = +25°C, unless otherwise noted.)
ELECTRICAL CHARACTERISTICS (continued)
(
VCC = full range, TA = -40°C to +125°C, unless otherwise noted. Typical values are at VCC = +5.0V and TA = +25°C, reset not
asserted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ISOURCE = 1µA, VCC
≥ 1.0V
0.8 ✕ VCC
ISOURCE = 200µA, VCC
≥ 1.8V
0.8 ✕ VCC
VOH
Reset
asserted
ISOURCE = 800µA, VCC
≥ 4.25V
0.8 ✕ VCC
V
ISINK = 1.2mA, VCC
≥ 3.0V
0.3
RESET Output Voltage
(MAX6803)
VOL
Reset not
asserted
ISINK = 3.2mA, VCC
≥ 5.0V
0.4
V
RESET Output Leakage Current
(MAX6805)
VCC > VTH, RESET not asserted
0.5
µA
Note 1: All parts are production tested at TA = +25°C. Over temperature limits are guaranteed by design and not production tested.
Note 2: ISOURCE for the MAX6803 is 100nA; ISINK for the MAX6804 is 100nA; ISINK for the MAX6805 is 50µA.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com