Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPF Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # MPF
Description  AC Motor Run Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MPF Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  MPF Datasheet HTML 1Page - Cornell Dubilier Electronics MPF Datasheet HTML 2Page - Cornell Dubilier Electronics MPF Datasheet HTML 3Page - Cornell Dubilier Electronics MPF Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Oval Ratings
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Type MPF, AC Motor Run Capacitors
Oval and Round, Oil Filled, 70 ºC, Metallized Polypropylene Capacitors
Cap.
(µF)
Case
Code
Aluminum Catalog
Part Number
H
(inches)
Steel Catalog
Part Number*
H
(inches)
Cap.
(µF)
Case
Code
Aluminum Catalog
Part Number
H
(inches)
Steel Catalog
Part Number*
H
(inches)
370V
440V
1.0
32
32FD3701A-F
2.19
32FD3701-F
2.13
1.0
32
32FB4401A-F
2.19
32FB4401-F
2.13
2.0
32
32FD3702A-F
2.19
32FD3702-F
2.13
2.0
32
32FB4402A-F
2.19
32FB4402-F
2.13
3.0
32
32FD3703A-F
2.19
32FD3703-F
2.13
3.0
32
32FB4403A-F
2.19
32FB4403-F
2.38
4.0
32
32FD3704A-F
2.19
32FD3704-F
2.13
4.0
32
32FB4404A-F
2.19
32FB4404-F
2.38
5.0
32
32FD3705A-F
2.19
32FD3705-F
2.38
5.0
32
32FB4405A-F
2.19
32FB4405-F
2.63
6.0
32
32FD3706A-F
2.19
32FD3706-F
2.38
6.0
32
32FB4406A-F
2.19
32FB4406-F
2.63
7.5
32
32FD37075A-F
2.19
32FD37075-F
2.38
7.5
32
32FB44075A-F
2.88
32FB44075-F
2.63
10.0
32
32FD3710A-F
2.88
32FD3710-F
2.63
7.5
37
37FB44075A-F
2.38
37FB44075-F
2.63
12.5
32
32FD37125A-F
2.88
32FD37125-F
3.00
10.0
32
32FB4410A-F
2.88
32FB4410-F
3.75
12.5
37
37FD37125A-F
2.38
37FD37125-F
2.63
10.0
37
37FB4410A-F
2.38
37FB4410-F
2.63
15.0
37
37FD3715A-F
2.38
37FD3715-F
2.63
12.5
37
37FB44125A-F
2.38
37FB44125-F
2.63
17.5
37
37FD37175A-F
2.38
37FD37175-F
2.63
15.0
37
37FB4415A-F
2.38
37FB4415-F
2.63
20.0
37
37FD3720A-F
2.38
37FD3720-F
2.63
17.5
37
37FB44175A-F
2.91
37FB44175-F
2.63
22.5
37
37FD37225A-F
2.38
37FD37225-F
2.63
20.0
37
37FB4420A-F
2.91
37FB4420-F
3.00
25.0
37
37FD3725A-F
2.91
37FD3725-F
2.63
20.0
38
38FB4420A-F
2.91
38FB4420-F
3.00
27.5
38
38FD37275A-F
2.91
38FD37275-F
3.00
25.0
37
37FB4425A-F
3.91
37FB4425-F
3.75
30.0
37
37FD3730A-F
2.91
37FD3730-F
3.00
25.0
38
38FB4425A-F
3.91
38FB4425-F
3.75
30.0
38
38FD3730A-F
2.91
38FD3730-F
3.00
30.0
38
38FB4430A-F
3.91
38FB4430-F
3.75
35.0
37
37FD3735A-F
3.91
37FD3735-F
3.75
35.0
37
37FB4435A-F
4.75
37FB4435-F
4.75
35.0
38
38FD3735A-F
2.91
38FD3735-F
3.00
35.0
38
38FB4435A-F
3.91
38FB4435-F
3.75
40.0
37
37FD3740A-F
3.91
37FD3740-F
3.75
40.0
37
37FB4440A-F
4.75
37FB4440-F
4.75
40.0
38
38FD3740A-F
2.91
38FD3740-F
3.00
40.0
38
38FB4440A-F
3.91
38FB4440-F
3.75
45.0
37
37FD3745A-F
3.91
37FD3745-F
3.75
45.0
38
38FB4445A-F
3.91
38FB4445-F
3.75
45.0
38
38FD3745A-F
2.91
38FD3745-F
3.00
50.0
38
38FB4450A-F
3.91
38FB4450-F
3.75
50.0
38
38FD3750A-F
2.91
38FD3750-F
3.00
55.0
38
38FB4455A-F
4.75
38FB4455-F
4.75
70.0
38
38FD3770A-F
3.91
38FD3770-F
3.75
60.0
38
38FB4460A-F
4.75
38FB4460-F
4.75
*Steel cases are not for new design. Check parametric search for product availability.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com