Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPF Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # MPF
Description  AC Motor Run Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MPF Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  MPF Datasheet HTML 1Page - Cornell Dubilier Electronics MPF Datasheet HTML 2Page - Cornell Dubilier Electronics MPF Datasheet HTML 3Page - Cornell Dubilier Electronics MPF Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Round Ratings
Type MPF, AC Motor Run Capacitors
Oval and Round, Oil Filled, 70 ºC, Metallized Polypropylene Capacitors
Cap.
(µF)
Case
Code
Aluminum Catalog
Part Number
H
(inches)
Steel Catalog
Part Number*
H
(inches)
Cap.
(µF)
Case
Code
Aluminum Catalog
Part Number
H
(inches)
Steel Catalog
Part Number*
H
(inches)
330 V
370V
4.0
23
23FD3304A-F
2.38
23FD3304-F
2.63
50.0
23
23FD3750A-F
3.84
23FD3750-F
3.75
5.0
23
23FD3305A-F
2.38
23FD3305-F
2.63
50.0
24
24FD3750A-F
2.91
24FD3750-F
3.00
6.0
23
23FD3306A-F
2.38
23FD3306-F
2.63
55.0
23
23FD3755A-F
3.84
23FD3755-F
3.75
7.0
23
23FD3307A-F
2.38
23FD3307-F
2.63
55.0
24
24FD3755A-F
2.91
24FD3755-F
3.00
8.0
23
23FD3308A-F
2.38
23FD3308-F
2.63
60.0
23
23FD3760A-F
3.84
23FD3760-F
3.75
10.0
23
23FD3310A-F
2.38
23FD3310-F
2.63
60.0
24
24FD3760A-F
2.91
24FD3760-F
3.00
370V
65.0
24
24FD3765A-F
3.91
24FD3765-F
3.75
3.0
21
21FD3703A-F
2.38
21FD3703-F
2.63
70.0
24
24FD3770A-F
3.91
24FD3770-F
3.75
4.0
21
21FD3704A-F
2.38
21FD3704-F
2.63
80.0
24
24FD3780A-F
4.75
24FD3780-F
4.75
5.0
21
21FD3705A-F
2.38
21FD3705-F
2.63
440V
6.0
21
21FD3706A-F
2.38
21FD3706-F
2.63
15.0
21
21FB4415A-F
2.38
21FB4415-F
2.63
7.0
21
21FD3707A-F
2.38
21FD3707-F
2.63
20.0
21
21FB4420A-F
2.84
21FB4420-F
3.00
8.0
21
21FD3708A-F
2.38
21FD3708-F
2.63
20.0
23
23FB4420A-F
2.91
23FB4420-F
3.00
10.0
21
21FD3710A-F
2.38
21FD3710-F
2.63
22.5
21
21FB44225A-F
2.84
21FB44225-F
3.00
12.5
21
21FD37125A-F
2.38
21FD37125-F
2.63
22.5
23
23FB44225A-F
2.91
23FB44225-F
3.00
15.0
21
21FD3715A-F
2.38
21FD3715-F
2.63
25.0
21
21FB4425A-F
3.84
21FB4425-F
3.75
17.5
21
21FD37175A-F
2.38
21FD37175-F
2.63
25.0
23
23FB4425A-F
2.91
23FB4425-F
3.00
20.0
21
21FD3720A-F
2.38
21FD3720-F
2.63
30.0
23
23FB4430A-F
3.84
23FB4430-F
3.75
25.0
21
21FD3725A-F
2.84
21FD3725-F
3.00
30.0
24
24FB4430A-F
2.91
24FB4430-F
3.00
25.0
23
23FD3725A-F
2.91
23FD3725-F
3.00
35.0
23
23FB4435A-F
3.84
23FB4435-F
3.75
30.0
21
21FD3730A-F
2.84
21FD3730-F
3.00
35.0
24
24FB4435A-F
2.91
24FB4435-F
3.00
30.0
23
23FD3730A-F
2.91
23FD3730-F
3.00
40.0
23
23FB4440A-F
3.84
23FB4440-F
3.75
35.0
21
21FD3735A-F
3.84
21FD3735-F
3.75
40.0
24
24FB4440A-F
3.91
24FB4440-F
3.75
35.0
23
23FD3735A-F
2.91
23FD3735-F
3.00
45.0
24
24FB4445A-F
3.91
24FB4445-F
3.75
40.0
21
21FD3740A-F
3.84
21FD3740-F
3.75
50.0
24
24FB4450A-F
3.91
24FB4450-F
3.75
40.0
23
23FD3740A-F
2.91
23FD3740-F
3.00
55.0
24
24FB4455A-F
3.91
24FB4455-F
3.75
45.0
23
23FD3745A-F
3.84
23FD3745-F
3.75
60.0
24
24FB4460A-F
4.75
24FB4460-F
4.75
45.0
24
24FD3745A-F
2.91
24FD3745-F
3.00
70.0
24
24FB4470A-F
4.75
24FB4470-F
4.75
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
*Steel cases are not for new design. Check parametric search for product availability.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com