Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMX7261 Datasheet(PDF) 45 Page - CML Microcircuits

Part # CMX7261
Description  Full-duplex operation
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX7261 Datasheet(HTML) 45 Page - CML Microcircuits

Back Button CMX7261 Datasheet HTML 41Page - CML Microcircuits CMX7261 Datasheet HTML 42Page - CML Microcircuits CMX7261 Datasheet HTML 43Page - CML Microcircuits CMX7261 Datasheet HTML 44Page - CML Microcircuits CMX7261 Datasheet HTML 45Page - CML Microcircuits CMX7261 Datasheet HTML 46Page - CML Microcircuits CMX7261 Datasheet HTML 47Page - CML Microcircuits CMX7261 Datasheet HTML 48Page - CML Microcircuits CMX7261 Datasheet HTML 49Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
CMX7261 Voice Multi-transcoder
CMX7261
 2012 CML Microsystems Plc
Page 45
D/7261_FI-1.x/9
7.7.1
Normal Operation Overview
In normal operation (after the CMX7261 is configured), the required mode must be selected and correctly
formatted data input and read out. This process is carried out by selecting the transcoding type and
specifying the input audio source and output audio destination. Such options are required to be configured
correctly before transcoding/encoding/decoding can begin.
For continuous transcoding operation, data must be transferred into and out of the CMX7261. Audio
transfer into the CMX7261 can be through the analogue audio input, from an external PCM device, or the
host can feed in the data using C-BUS interface. Similarly, the transcoded output can be transferred out of
the CMX7261 using the analogue audio ouput, or using the PCM interface to an external PCM device or to
the host using the C-BUS interface. C-BUS transfers use the Audio In FIFO to transfer data into the
CMX7261, and the Audio Out FIFO to transfer data out of the CMX7261. The Status register is used to
indicate that the data has been dealt with. The CMX7261 can be configured to interrupt the host on FIFO
fill level or when it has read/written a specified number of samples from the Audio In/Out FIFOs.
In the process of transcoding the most significant registers are:
Mode - $6B write
IRQ Status - $7E read
IRQ Enable - $6C write
Audio In FIFO Data - $48, $49 write
Audio Out FIFO Data - $4C, $4D read
Audio In FIFO Level - $4B read
Audio Out FIFO Level - $4F read
7.7.2
Transcoder Operation
The many CMX7261 features provide significant flexibility however, basic encoding, decoding or
transcoding can be carried out easily by just understanding the operation of just a few registers.
Half-duplex transcoder operation is illustrated by Figure 27 and the following detailed example.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com