Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMX7261 Datasheet(PDF) 21 Page - CML Microcircuits

Part # CMX7261
Description  Full-duplex operation
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX7261 Datasheet(HTML) 21 Page - CML Microcircuits

Back Button CMX7261 Datasheet HTML 17Page - CML Microcircuits CMX7261 Datasheet HTML 18Page - CML Microcircuits CMX7261 Datasheet HTML 19Page - CML Microcircuits CMX7261 Datasheet HTML 20Page - CML Microcircuits CMX7261 Datasheet HTML 21Page - CML Microcircuits CMX7261 Datasheet HTML 22Page - CML Microcircuits CMX7261 Datasheet HTML 23Page - CML Microcircuits CMX7261 Datasheet HTML 24Page - CML Microcircuits CMX7261 Datasheet HTML 25Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
CMX7261 Voice Multi-transcoder
CMX7261
 2012 CML Microsystems Plc
Page 21
D/7261_FI-1.x/9
6
General Description
6.1
CMX7261 Features
The CMX7261 is a multi-transcoder chip that performs encoding and decoding of PCM, CVSD and
G.729A, as well as transcoding between these standards. The CMX7261 can be operated either as a half
duplex or as a full duplex transcoder. Full duplex operation means that a type of transcoding may be
specified on one channel and the opposite transcoding will then be implemented on a second audio
stream.
A flexible power control facility allows the device to be placed in its optimum powersave mode when not
actively processing signals.
The device includes a crystal clock generator, with phase locked loop to enable operation from a range of
reference xtal frequencies.
Block diagrams of the device are shown in Figure 1.
Encoder Functions:
Analogue voice to PCM encoding (
μ-law or A-law according to G.711 standard).
Analogue voice to CVSD encoding.
Analogue voice to G.729A encoding.
Input filtering on the input signal
– when the signal comes from CMX7261’s analogue audio input.
Decoder Functions:
PCM decoding to analogue voice.
CVSD decoding to analogue voice.
G.729A decoding to analogue voice.
Output filtering on the output signal
– when the signal is being sent to CMX7261’s analogue audio
output.
Transcoder Functions (Half-Duplex):
PCM to CVSD transcoding.
PCM to G.729A transcoding.
G.729A to CVSD transcoding.
CVSD to G.729A transcoding
PCM
μ / A / linear to PCM μ / A / linear transcoding.
Transcoding between any of, analogue audio / CVSD / G.729A / G.711 A-law / G.711
μ-law is
possible.
Transcoder Functions (Full-Duplex):
Two separate audio streams (channel-1, channel-2) are processed simultaneously.
Channel-1 may process audio using a Decoder, Encoder or Transcoder function.
Channel-2 will process audio in the reverse manner to channel-1. For example, if channel-1 is
configured to transcode from CVSD to G.729A, channel-2 will transcode from G.729A to CVSD.
Interface:
Optimised C-BUS (4-wire, high speed synchronous serial command/data bus) interface to host for
control and data transfer, including streaming C-BUS for efficient data transfer.
Input data can come through the analogue audio input or, C-BUS or from an external PCM device
connected to CMX7261
’s PCM port.
Output data can be sent to the analogue audio output or, C-BUS or, to an external PCM device
connected to CMX7261
’s PCM port.
Open drain IRQ to host.
Three GPIO pins.
Serial memory or C-BUS (host) boot mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com