Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX786REAI Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX786REAI
Description  Dual-Output Power-Supply Controller for Notebook Computers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX786REAI Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX786REAI Datasheet HTML 7Page - Maxim Integrated Products MAX786REAI Datasheet HTML 8Page - Maxim Integrated Products MAX786REAI Datasheet HTML 9Page - Maxim Integrated Products MAX786REAI Datasheet HTML 10Page - Maxim Integrated Products MAX786REAI Datasheet HTML 11Page - Maxim Integrated Products MAX786REAI Datasheet HTML 12Page - Maxim Integrated Products MAX786REAI Datasheet HTML 13Page - Maxim Integrated Products MAX786REAI Datasheet HTML 14Page - Maxim Integrated Products MAX786REAI Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Dual-Output Power-Supply
Controller for Notebook Computers
______________________________________________________________________________________
11
second half-cycle, the PWM turns on the high-side
MOSFET by connecting the capacitor to the MOSFET
gate by closing an internal switch between BST_ and
DH_. This provides the necessary enhancement voltage
to turn on the high-side switch, an action that “boosts”
the 5V gate-drive signal above the battery voltage.
Ringing seen at the high-side MOSFET gates (DH3 and
DH5) in discontinuous-conduction mode (light loads) is
a natural operating condition caused by the residual
energy in the tank circuit formed by the inductor and
stray capacitance at the LX_ nodes. The gate driver
negative rail is referred to LX_, so any ringing there is
directly coupled to the gate-drive supply.
1X
CS_
FB_
BST_
DH_
LX_
LEVEL
SHIFT
VL
SHOOT-
THROUGH
CONTROL
DL_
PGND
LEVEL
SHIFT
Q
R
S
SYNCHRONOUS
RECTIFIER CONTROL
N
3.3V
1R
30R
VL
4
µA
0mV TO 100mV
CURRENT
LIMIT
MINIMUM
CURRENT
(IDLE MODE)
25mV
SLOPE COMP
Σ
REF, 3.3V
(OR INTERNAL
5V REFERENCE)
MAIN PWM
COMPARATOR
60kHz
LPF
R
S
Q
OSC
SS_
ON_
Figure 3. PWM Controller Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com