Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX786REAI Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX786REAI
Description  Dual-Output Power-Supply Controller for Notebook Computers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX786REAI Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX786REAI Datasheet HTML 8Page - Maxim Integrated Products MAX786REAI Datasheet HTML 9Page - Maxim Integrated Products MAX786REAI Datasheet HTML 10Page - Maxim Integrated Products MAX786REAI Datasheet HTML 11Page - Maxim Integrated Products MAX786REAI Datasheet HTML 12Page - Maxim Integrated Products MAX786REAI Datasheet HTML 13Page - Maxim Integrated Products MAX786REAI Datasheet HTML 14Page - Maxim Integrated Products MAX786REAI Datasheet HTML 15Page - Maxim Integrated Products MAX786REAI Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Dual-Output Power-Supply
Controller for Notebook Computers
12
______________________________________________________________________________________
Modes of Operation
PWM Mode
Under heavy loads — over approximately 25% of full load
— the +3.3V and +5V supplies operate as continuous-
current PWM supplies (see
Typical Operating Char-
acteristics). The duty cycle (%ON) is approximately:
%ON = VOUT/VIN
Current flows continuously in the inductor: First, it
ramps up when the power MOSFET conducts; then, it
ramps down during the flyback portion of each cycle
as energy is put into the inductor and then dis-
charged into the load. Note that the current flowing
into the inductor when it is being charged is also flow-
ing into the load, so the load is continuously receiving
current from the inductor. This minimizes output rip-
ple and maximizes inductor use, allowing very small
physical and electrical sizes. Output ripple is primarily
a function of the filter capacitor (C7 or C6) effective
series resistance (ESR) and is typically under 50mV
(see the
Design Procedure section). Output ripple is
worst at light load and maximum input voltage.
Idle Mode
Under light loads (<25% of full load), efficiency is fur-
ther enhanced by turning the drive voltage on and off
for only a single clock period, skipping most of the
clock pulses entirely. Asynchronous switching, seen as
“ghosting” on an oscilloscope, is thus a normal operating
condition whenever the load current is less than
approximately 25% of full load.
At certain input voltage and load conditions, a transition
region exists where the controller can pass back and
forth from idle mode to PWM mode. In this situation,
short bursts of pulses occur that make the current
waveform look erratic, but do not materially affect the
output ripple. Efficiency remains high.
Current Limiting
The voltage between CS3 (CS5) and FB3 (FB5) is contin-
uously monitored. An external, low-value shunt resistor
is connected between these pins, in series with the
inductor, allowing the inductor current to be continuously
measured throughout the switching cycle. Whenever this
voltage exceeds 100mV, the drive voltage to the external
high-side MOSFET is cut off. This protects the MOSFET,
the load, and the battery in case of short circuits or tem-
porary load surges. The current-limiting resistors R1 and
R2 are typically 25m
Ω for 3A load current.
Oscillator Frequency; SYNC Input
The SYNC input controls the oscillator frequency.
Connecting SYNC to GND or to VL selects 200kHz opera-
tion; connecting to REF selects 300kHz operation. SYNC
can also be driven with an external 240kHz to 350kHz
CMOS/TTL source to synchronize the internal oscillator.
Normally, 300kHz is used to minimize the inductor and
filter capacitor sizes, but 200kHz may be necessary for
low input voltages (see
Low-Voltage (6-Cell) Operation).
Comparators
Two noninverting comparators can be used as
precision voltage comparators or high-side drivers. The
supply for these comparators (VH) is brought out and may
be connected to any voltage between +3V and +19V
irrespective of V+. The noninverting inputs (D1-D2) are
high impedance, and the inverting input is internally con-
nected to a 1.650V reference. Each output (Q1-Q2)
sources 20µA from VH when its input is above 1.650V, and
sinks 500µA to GND when its input is below 1.650V. The
Q1-Q2 outputs can be fixed together in wired-OR
configuration since the pull-up current is only 20µA.
Connecting VH to a logic supply (5V or 3V) allows the
comparators to be used as low-battery detectors. For
driving N-channel power MOSFETs to turn external
loads on and off, VH should be 6V to 12V higher than
the load voltage. This enables the MOSFETs to be fully
turned on and results in low rDS(ON).
The comparators are always active when V+ is above
+4V, even when VH is 0V. Thus, Q1-Q2 will sink current
to GND even when VH is 0V, but they will only source
current from VH when VH is above approximately 1.5V.
If Q1 or Q2 is externally pulled above VH, an internal
diode conducts, pulling VH a diode drop below the
output and powering anything connected to VH. This
voltage will also power the other comparator outputs.
LEVEL
TRANSLATOR
PWM
VL
BST_
DH_
LX_
DL_
VL
BATTERY
INPUT
VL
Figure 4. Boost Supply for Gate Drivers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com