Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX772C/D Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX772C/D
Description  5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX772C/D Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX772C/D Datasheet HTML 5Page - Maxim Integrated Products MAX772C/D Datasheet HTML 6Page - Maxim Integrated Products MAX772C/D Datasheet HTML 7Page - Maxim Integrated Products MAX772C/D Datasheet HTML 8Page - Maxim Integrated Products MAX772C/D Datasheet HTML 9Page - Maxim Integrated Products MAX772C/D Datasheet HTML 10Page - Maxim Integrated Products MAX772C/D Datasheet HTML 11Page - Maxim Integrated Products MAX772C/D Datasheet HTML 12Page - Maxim Integrated Products MAX772C/D Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Floating the shunt-regulator ground (SGND) disables
the shunt regulator. To enable it, connect SGND to
GND. The shunt regulator requires 1mA minimum cur-
rent for proper operation; the maximum current must
not exceed 20mA. The MAX773 operates in non-boot-
strapped mode when the shunt regulator is used, and
EXT swings between the 6V shunt-regulator voltage
and GND.
When using the shunt regulator, use an N-channel pow-
er FET instead of an NPN power transistor as the power
switch. Otherwise, excessive base drive will collapse
the shunt regulator.
External Power-Transistor
Control Circuitry
PFM Control Scheme
The MAX770–MAX773 use a proprietary current-limited
PFM control scheme to provide high efficiency over a
wide range of load currents. This control scheme com-
bines the ultra-low supply current of PFM converters (or
pulse skippers) with the high full-load efficiency of
PWM converters.
Unlike traditional PFM converters, the MAX770–
MAX773 use a sense resistor to control the peak induc-
tor current. They also operate with high switching
5V/12V/15V or Adjustable, High-Efficiency,
Low IQ, Step-Up DC-DC Controllers
_______________________________________________________________________________________
9
V+
EXT
CONTROL
1.5V
REFERENCE
Q
TRIG
Q
S
F/F
R
Q
TRIG
LOW-VOLTAGE
OSCILLATOR
2.5V
0.1V
0.2V
ONE-SHOT
ONE-SHOT
CURRENT-SENSE
AMPLIFIER
DUAL-MODE
COMPARATOR
LBO V15
V12
V5
FB
LBI
REF
200mV
ERROR
COMPARATOR
SHDN
V+
SGND
6V
EXTH
EXTL
EXT
CS
MAX773 ONLY
MAX770
MAX771
MAX772
MAX770
MAX771
MAX772
BIAS
CIRCUITRY
N
N
N
MAX770–MAX773
MAX773
ONLY
Figure 1. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com