Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX772C/D Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX772C/D
Description  5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX772C/D Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX772C/D Datasheet HTML 7Page - Maxim Integrated Products MAX772C/D Datasheet HTML 8Page - Maxim Integrated Products MAX772C/D Datasheet HTML 9Page - Maxim Integrated Products MAX772C/D Datasheet HTML 10Page - Maxim Integrated Products MAX772C/D Datasheet HTML 11Page - Maxim Integrated Products MAX772C/D Datasheet HTML 12Page - Maxim Integrated Products MAX772C/D Datasheet HTML 13Page - Maxim Integrated Products MAX772C/D Datasheet HTML 14Page - Maxim Integrated Products MAX772C/D Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
5V/12V/15V or Adjustable, High-Efficiency,
Low IQ, Step-Up DC-DC Controllers
______________________________________________________________________________________
11
GND
MAX773
C3
0.1
µF
VOUT
= 12V
V+
R4
63.4k
(1%)
R3
10k
(1%)
SGND
LBO
EXTH
8
5
7
6
EXTL
CS
V12
V15
V5
REF
LBI
SHDN
FB
2
14
1
10
4
13
12
11
9
RSENSE
N
Si9410DY
C4
C2
0.1
µF
VIN
L1
22
µH
D1
1N5817
100k
C1
R4 = R3
(
VTRIP
-1
)
VREF
MIN
NOMINAL MAX
10.6
11.0
11.4
VTRIP (V)
3
VREF = 1.5V
GND
MAX773
C3
0.1
µF
V+
EXTL
CS
V12
8
5
7
V5
FB
SGND
LBO
REF
LBI
SHDN
4
10
12
11
1
2
6
9
RSENSE
0.4
Ω
C4
150
µF
C2
0.1
µF
D1
1N5818
V15
14
EXTH
13
C1
47
µF
3
L1
150
µH
910
Ω
R1
34k
R2
510k
ZTX694B
VOUT = 24V
@ 30mA
VIN = 5V
VOUT
VREF
R2 = (R1)
(
-1
)
VREF = 1.5V
GND
MAX773
C3
0.1
µF
V+
EXTL
CS
V5
8
7
6
V15
V12
SGND
LBO
REF
SHDN
FB
4
10
VIN = 5V
12
11
2
14
1
9
RSENSE
C4
C2
0.1
µF
D1
1N5817
EXTH
13
3
L1
22
µH
VOUT = 15V
LBI
N
Si9410DY
5
C1
GND
MAX773
C3
0.1
µF
V+
EXTL
CS
V5
8
5
7
V15
V12
LBO
REF
LBI
SHDN
4
VIN
12
11
2
14
1
9
RSENSE
C4
D1
1N5817
EXTH
13
3
L1
20
µH
VOUT = 16V
SGND
N
10
C1
C2
0.1
µF
FB 6
R2
133k
R1
13.7k
VOUT
VREF
R2 = (R1)
(
-1
)
VREF = 1.5V
Si9410DY
Figure 3a. 12V Preset Output, Bootstrapped, N-Channel
Power MOSFET
Figure 3b. 24V Output, Non-Bootstrapped, NPN Power
Transistor
Figure 3c. 15V Preset Output, Non-Bootstrapped N-Channel
Power MOSFET
Figure 3d. 16V Output, Bootstrapped, N-Channel
Power MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com