Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX604 Datasheet(PDF) 4 Page - CML Microcircuits

Part # FX604
Description  Optional Line Equalisation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX604 Datasheet(HTML) 4 Page - CML Microcircuits

  FX604 Datasheet HTML 1Page - CML Microcircuits FX604 Datasheet HTML 2Page - CML Microcircuits FX604 Datasheet HTML 3Page - CML Microcircuits FX604 Datasheet HTML 4Page - CML Microcircuits FX604 Datasheet HTML 5Page - CML Microcircuits FX604 Datasheet HTML 6Page - CML Microcircuits FX604 Datasheet HTML 7Page - CML Microcircuits FX604 Datasheet HTML 8Page - CML Microcircuits FX604 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
V.23 Compatible Modem
FX604
© 1996 Consumer Microcircuits Limited
4
D/604/3
FX604
D4/P3
Signal
Description
Pin No.
Name
Type
9
VBIAS
O/P
Internally generated bias voltage, held at VDD/2
when the device is not in 'Zero-Power' mode.
Should be decoupled to VSS by a capacitor
mounted close to the device pins.
10
RXEQ
I/P
A logic level input for enabling/disabling the
equaliser in the receive filter. See section 1.5.4.
11
TXD
I/P
A logic level input for either the raw input to the
FSK Modulator or data to be re-timed depending
on the state of the M0, M1 and CLK inputs. See
section 1.5.9.
12
CLK
I/P
A logic level input which may be used to clock
data bits in/out of the FSK Data Retiming block.
13
RXD
O/P
A logic level output carrying either the raw
output of the FSK Demodulator or re-timed
characters depending on the state of the M0, M1
and CLK inputs. See section 1.5.8.
14
DET
O/P
A logic level output of the on-chip energy detect
circuit.
15
RDYN
O/P
"Ready for data transfer" output of the on-chip
data retiming circuit. This open-drain active low
output
may
be
used
as
an
Interrupt
Request/Wake-up input to the associated
µC.
An external pull-up resistor should be connected
between this output and VDD.
16
V
DD
Power
The positive supply rail. Levels and thresholds
within the device are proportional to this voltage.
Should be decoupled to VSS by a capacitor
mounted close to the device pins.
Notes: I/P
=
Input
O/P
=
Output
This device is capable of detecting and decoding small amplitude signals. To achieve this VDD and VBIAS
decoupling and protecting the receive path from extraneous in-band signals are very important.
It is
recommended that the decoupling capacitors are placed so that connections between them and the device
pins are as short as practicable. A ground plane protecting the receive path will help attenuate interfering
signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com