Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX604 Datasheet(PDF) 11 Page - CML Microcircuits

Part # FX604
Description  Optional Line Equalisation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX604 Datasheet(HTML) 11 Page - CML Microcircuits

Back Button FX604 Datasheet HTML 7Page - CML Microcircuits FX604 Datasheet HTML 8Page - CML Microcircuits FX604 Datasheet HTML 9Page - CML Microcircuits FX604 Datasheet HTML 10Page - CML Microcircuits FX604 Datasheet HTML 11Page - CML Microcircuits FX604 Datasheet HTML 12Page - CML Microcircuits FX604 Datasheet HTML 13Page - CML Microcircuits FX604 Datasheet HTML 14Page - CML Microcircuits FX604 Datasheet HTML 15Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
V.23 Compatible Modem
FX604
© 1996 Consumer Microcircuits Limited
11
D/604/3
So to use the retiming option the CLK input should be held low until the RDYN output is pulled low. When the
RDYN pin goes low the next data bit should be applied at the TXD input and the CLK input pulled high and
then low within the time limits set out in Figure 6c.
Td = Internal FX604 delay; max 1
µs
Tr = RDYN low to CLK going low; max 800
µs
Ts = data set up time; min 1
µs
Tchi = CLK high time; min 1
µs
Th = data hold time; min 1
µs
Figure 6c FSK Operation with Tx Data Retiming
To ensure synchronisation between the controlling device and the FX604 when entering Tx retiming mode the
TXD pin must be held at a constant logic level from when the CLK pin is first pulled low to the end of loading in
the second retimed bit. Similarly when exiting Tx retiming mode the TXD pin should be held at the same logic
level as the last retimed bit for at least 2 bit times after the CLK line is pulled high.
If the data retiming facility is not required, the CLK input to the FX604 should be kept high at all times. The
asynchronous data to the FSK modulator will then be connected directly to the TXD input pin. This is
illustrated in Figure 6d and will also be the case when transmitting 75bits/sec data which has no retime option.
Figure 6d FSK Operation without Tx Data Retiming (CLK always high)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com