Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX614 Datasheet(PDF) 5 Page - CML Microcircuits

Part # FX614
Description  Optional Line Equalisation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX614 Datasheet(HTML) 5 Page - CML Microcircuits

  FX614 Datasheet HTML 1Page - CML Microcircuits FX614 Datasheet HTML 2Page - CML Microcircuits FX614 Datasheet HTML 3Page - CML Microcircuits FX614 Datasheet HTML 4Page - CML Microcircuits FX614 Datasheet HTML 5Page - CML Microcircuits FX614 Datasheet HTML 6Page - CML Microcircuits FX614 Datasheet HTML 7Page - CML Microcircuits FX614 Datasheet HTML 8Page - CML Microcircuits FX614 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Bell 202 Compatible Modem
FX614
© 1997 Consumer Microcircuits Limited
5
D/614/4
1.4
External Components
R1
100k
Ω
C1, C2
18pF
X1
3.579545MHz
C3
0.1
µF
C4
0.1
µF
Resistors
±5%, capacitors ±10% unless otherwise stated.
Figure 2 Recommended External Components for Typical Application
1.5
General Description
1.5.1
Xtal Osc and Clock Dividers
Frequency and timing accuracy of the FX614 is determined by a 3.579545MHz clock present at the
XTAL/CLOCK pin. This may be generated by the on-chip oscillator inverter using the external components C1,
C2 and X1 of Figure 2, or may be supplied from an external source to the XTAL/CLOCK input. If supplied from
an external source, C1, C2 and X1 should not be fitted.
The on-chip oscillator is turned off in the 'Zero-Power' mode.
If the clock is provided by an external source which is not always running, then the 'Zero-Power' mode must be
set when the clock is not available. Failure to observe this rule may cause a significant rise in the supply
current drawn by FX614 as well as generating undefined states of the RXD, DET and RDYN outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com