Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX614 Datasheet(PDF) 12 Page - CML Microcircuits

Part # FX614
Description  Optional Line Equalisation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX614 Datasheet(HTML) 12 Page - CML Microcircuits

Back Button FX614 Datasheet HTML 8Page - CML Microcircuits FX614 Datasheet HTML 9Page - CML Microcircuits FX614 Datasheet HTML 10Page - CML Microcircuits FX614 Datasheet HTML 11Page - CML Microcircuits FX614 Datasheet HTML 12Page - CML Microcircuits FX614 Datasheet HTML 13Page - CML Microcircuits FX614 Datasheet HTML 14Page - CML Microcircuits FX614 Datasheet HTML 15Page - CML Microcircuits FX614 Datasheet HTML 16Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Bell 202 Compatible Modem
FX614
© 1997 Consumer Microcircuits Limited
12
D/614/4
1.6
Application Notes
1.6.1
Line Interface
The signals on the telephone line are not suitable for direct connection to the FX614. A Line Interface circuit is
necessary to:
•
Provide high voltage and dc isolation
•
Attenuate the Tx signal present at the Rx input
•
Provide the low impedance drive necessary for the line
•
Filter the Tx and Rx signals
R2
See below
C5
22
µF (±20%)
R3
See below
C6
100pF
R4-R7
100k
Ω
C7
330pF
Resistors
±1%, capacitors ±10% unless otherwise stated.
Figure 7 Line Interface Circuit
Notes:
•
The components 'Z' between points B and C should match the line impedance.
•
Device A2 must be able to drive 'Z' and the line.
•
R2: For optimum results R2 should be set so that the gain is VDD/5.0, i.e. R2 = 100kΩ at VDD =
5.0V, rising to 150k
Ω at VDD = 3.3V.
•
R3: The levels in dB (relative to a 775mV rms signal) at 'A', 'B' and 'C' in the line interface circuit are:
Level at
'A' = 20Log(VDD/5)
"
'B' = 'A' + 20Log(100k
Ω/R3)
"
'C' = 'B' - 6
Example:
VDD
'A'
R3
'B'
'C'
3.3V
-3.6dB
100k
Ω
-3.6dB
-9.6dB
5.0V
0dB
150k
Ω
-3.5dB
-9.5dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com