Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX019 Datasheet(PDF) 10 Page - CML Microcircuits

Part # MX019
Description  Output Mute Function
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX019 Datasheet(HTML) 10 Page - CML Microcircuits

Back Button MX019 Datasheet HTML 5Page - CML Microcircuits MX019 Datasheet HTML 6Page - CML Microcircuits MX019 Datasheet HTML 7Page - CML Microcircuits MX019 Datasheet HTML 8Page - CML Microcircuits MX019 Datasheet HTML 9Page - CML Microcircuits MX019 Datasheet HTML 10Page - CML Microcircuits MX019 Datasheet HTML 11Page - CML Microcircuits MX019 Datasheet HTML 12Page - CML Microcircuits MX019 Datasheet HTML 13Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Quad Digital Control Amplifier
10
MX019
1998 MX-COM, INC.
www.mxcom.com Tel: 800 638 5577 910 744 5050 Fax: 910 744 5054
Doc. # 20480077.006
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies
INPUT
LEVEL
dB
SINAD
(dB)
30
40
50
60
-40
-30
-20
-10
0
10.0
25.0
75.0
250.0
775.0
1000.0
1730.0
-17
110.0
mVrms
7.0
Input
Frequency
=
1.0kHz
Figure 4: SINAD vs Input Level – Typical Values
6.2 Packaging
PIN 1
A
B
ALTERNATIVE
PIN
LOCATION
MARKING
E
L
T
P
J
Y
C
H
0.303 (7.70)
Package Tolerances
TYP.
MAX.
MIN.
A
B
C
E
H
DIM.
J
P
Y
T
L
0.047 (1.20)
----------
0.256 (6.50)
0°
8°
0.030 (0.75)
0.311 (7.90)
0.177 (4.50)
0.0256 (0.65)
0.020 (0.50)
0.248 (6.30)
0.006 (0.15)
0.002 (0.05)
0.003 (0.08)
0.008 (0.20)
0.007 (0.17)
0.012 (0.30)
0.169 (4.30)
NOTE : All dimensions in inches (mm.)
Angles are in degrees
Figure 5: 24-pin TSSOP Mechanical Outline: Order as part no. MX019TN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com