Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX821 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX821
Description  4-Pin 關P Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX821 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX821 Datasheet HTML 1Page - Maxim Integrated Products MAX821 Datasheet HTML 2Page - Maxim Integrated Products MAX821 Datasheet HTML 3Page - Maxim Integrated Products MAX821 Datasheet HTML 4Page - Maxim Integrated Products MAX821 Datasheet HTML 5Page - Maxim Integrated Products MAX821 Datasheet HTML 6Page - Maxim Integrated Products MAX821 Datasheet HTML 7Page - Maxim Integrated Products MAX821 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4-Pin µP Voltage Monitors with Pin-Selectable
Power-On Reset Timeout Delay
4
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
0.997
-40
NORMALIZED RESET THRESHOLD
vs. TEMPERATURE
0.999
0.998
TEMPERATURE (°C)
40
60
80
1.002
1.001
1.000
-20
20
100
1.003
0
______________________________________________________________Pin Description
1
GND
Ground
2
RESET
Active-Low Reset Output. RESET is low while VCC is below the reset threshold. It remains
low for the reset timeout period after the reset condition is terminated. The reset timeout
period is determined by the SRT input.
–
RESET
Active-High Reset Output. RESET is high while VCC is below the reset threshold. It remains
high for the reset timeout period after the reset condition is terminated. The reset timeout
period is determined by the SRT input.
3
SRT
Set Reset Timeout Input. Connect to GND for 1ms (max) delay; connect to VCC for 20ms
(min) delay; leave unconnected for 100ms (min) delay.
4
VCC
Supply Voltage
1
–
PIN
2
3
4
NAME
FUNCTION
MAX821
MAX822
0
-40
MAX82_R/S/T POWER-DOWN RESET DELAY
vs. TEMPERATURE
10
5
TEMPERATURE (°C)
40
60
80
40
35
30
25
20
15
-20
20
100
45
0
VCC FALLING AT 1mV/µs
VCC FALLING AT 10mV/µs
0
-40
MAX82_L/M POWER-DOWN RESET DELAY
vs. TEMPERATURE
20
10
TEMPERATURE (°C)
40
60
80
50
40
30
-20
20
100
60
0
VCC FALLING AT 1mV/µs
VCC FALLING AT 10mV/µs
0.90
-40
NORMALIZED SUPPLY
CURRENT vs. TEMPERATURE
0.95
TEMPERATURE (°C)
40
60
80
1.05
1.00
-20
20
100
1.10
0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com