Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX821 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX821
Description  4-Pin 關P Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX821 Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX821 Datasheet HTML 1Page - Maxim Integrated Products MAX821 Datasheet HTML 2Page - Maxim Integrated Products MAX821 Datasheet HTML 3Page - Maxim Integrated Products MAX821 Datasheet HTML 4Page - Maxim Integrated Products MAX821 Datasheet HTML 5Page - Maxim Integrated Products MAX821 Datasheet HTML 6Page - Maxim Integrated Products MAX821 Datasheet HTML 7Page - Maxim Integrated Products MAX821 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Ensuring a Valid
RESET Output
Down to VCC = 0V
When VCC falls below 1V, the MAX821 RESET output
no longer sinks current—it becomes an open circuit.
Therefore, high-impedance CMOS logic inputs con-
nected to the RESET output can drift to undetermined
voltages. This presents no problem in most applica-
tions, since most
µP and other circuitry is inoperative
with VCC below 1V. However, in applications where the
RESET output must be valid down to 0V, adding a pull-
down resistor to the RESET pin will cause any stray
leakage currents to flow to ground, holding RESET low
(Figure 2a). R1’s value is not critical; 100k
Ω is large
enough not to load RESET, and small enough to pull
RESET to ground.
A 100k
Ω pull-up resistor to VCC is also recommended
for the MAX822 if RESET is required to remain valid for
VCC < 1V (Figure 2b).
Interfacing to µPs with
Bidirectional Reset Pins
µPs with bidirectional reset pins (such as the Motorola
68HC11 series) can contend with the MAX821 reset
output. For example, if the MAX821 RESET output is
asserted high and the µP wants to pull it low, indetermi-
nate logic levels may result. To correct such cases,
connect a 4.7k
Ω resistor between the MAX821 RESET
output and the µP reset I/O (Figure 3). Buffer the reset
output to other system components.
___________________Chip Information
TRANSISTOR COUNT: 492
4-Pin µP Voltage Monitors with Pin-Selectable
Power-On Reset Timeout Delay
6
_______________________________________________________________________________________
4.7k
VCC
GND
RESET
MAX821
RESET
VCC
GND
µP
BUFFER
BUFFERED RESET
TO OTHER SYSTEM
COMPONENTS
Figure 3. Interfacing to µPs with Bidirectional Reset I/O
R1
VCC
VCC
GND
MAX821
RESET
R1
VCC
VCC
GND
MAX822
RESET
a)
b)
Figure 2. RESET/RESET Valid to VCC = Ground Circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com