Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX856 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX856
Description  3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX856 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX856 Datasheet HTML 1Page - Maxim Integrated Products MAX856 Datasheet HTML 2Page - Maxim Integrated Products MAX856 Datasheet HTML 3Page - Maxim Integrated Products MAX856 Datasheet HTML 4Page - Maxim Integrated Products MAX856 Datasheet HTML 5Page - Maxim Integrated Products MAX856 Datasheet HTML 6Page - Maxim Integrated Products MAX856 Datasheet HTML 7Page - Maxim Integrated Products MAX856 Datasheet HTML 8Page - Maxim Integrated Products MAX856 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX856–MAX859 are high-efficiency, CMOS, step-
up, DC-DC switching regulators for small, low input volt-
age or battery-powered systems. The MAX856/MAX858
accept a positive input voltage between 0.8V and VOUT
and convert it to a higher, pin-selectable output voltage of
3.3V or 5V. The MAX857/MAX859 adjustable versions
accept 0.8V to 6.0V input voltages and generate higher
adjustable output voltages in the 2.7V to 6.0V range.
Typical efficiencies are greater than 85%. Typical quies-
cent supply current is 25µA (1µA in shutdown).
The MAX856–MAX859 combine ultra-low quiescent supply
current and high efficiency to give maximum battery life. An
internal MOSFET power transistor permits high switching
frequencies. This benefit, combined with internally set peak
inductor current limits, permits the use of small, low-cost
inductors. The MAX856/MAX857 have a 500mA peak
inductor current limit. The MAX858/MAX859 have a 125mA
peak inductor current limit.
________________________Applications
3.3V to 5V Step-Up Conversion
Palmtop Computers
Portable Data-Collection Equipment
Personal Data Communicators/Computers
Medical Instrumentation
2-Cell & 3-Cell Battery-Operated Equipment
Glucose Meters
____________________________Features
o 0.8V to 6.0V Input Supply Voltage
o 0.8V Typ Start-Up Supply Voltage
o 85% Efficiency at 100mA
o 25µA Quiescent Current
o 1µA Shutdown Mode
o 125mA and 500mA Switch-Current Limits Permit
Use of Low-Cost Inductors
o Up to 500kHz Switching Frequency
o ±1.5% Reference Tolerance Over Temperature
o Low-Battery Detector (LBI/LBO)
o 8-Pin SO and µMAX Packages
______________Ordering Information
Ordering Information continued at end of data sheet.
* Dice are tested at TA = +25°C only.
Contact factory for availability.
3.3V/5V or Adjustable-Output,
Step-Up DC-DC Converters
________________________________________________________________
Maxim Integrated Products
1
1
2
3
4
8
7
6
5
LX
GND
OUT
LBI
LBO
REF
3/5
SHDN
MAX856
MAX858
SO/
µMAX
TOP VIEW
1
2
3
4
8
7
6
5
LX
GND
OUT
LBI
LBO
REF
FB
SHDN
MAX857
MAX859
SO/
µMAX
__________________Pin Configuration
MAX856
SHDN
3/5
REF
LX
GND
OUT
INPUT
0.8V TO VOUT
1N5817
OUTPUT
5V AT 100mA
OR
3.3V AT 125mA
LBO
68
µF
47
µH
LOW-BATTERY
DETECTOR OUTPUT
ON/OFF
3V/5V SELECT
LBI
LOW-BATTERY
DETECTOR
INPUT
__________Typical Operating Circuit
19-0211; Rev 4; 5/96
PART
TEMP. RANGE
PIN-PACKAGE
MAX856CSA
0°C to +70°C
8 SO
MAX856CUA
0°C to +70°C
8 µMAX
MAX856C/D
0°C to +70°C
Dice*
MAX856ESA
-40°C to +85°C
8 SO
MAX856MJA
-55°C to +125°C
8 CERDIP
MAX857CSA
0°C to +70°C
8 SO
MAX857CUA
0°C to +70°C
8 µMAX
MAX857C/D
0°C to +70°C
Dice*
MAX857ESA
-40°C to +85°C
8 SO
MAX857MJA
-55°C to +125°C
8 CERDIP
EVALUATION
KIT MANUAL
FOLLOWS
DATA
SHEET
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800


Similar Part No. - MAX856

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8560 MAXIM-MAX8560 Datasheet
98Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A September 24, 2003
MAX8560 MAXIM-MAX8560 Datasheet
819Kb / 12P
4MHz, 500mA Synchronous Step-Down DC-DC Converters in Thin SOT and TDFN
2005
MAX8560EZK+T MAXIM-MAX8560EZK+T Datasheet
819Kb / 12P
4MHz, 500mA Synchronous Step-Down DC-DC Converters in Thin SOT and TDFN
2005
MAX8560EZK-T MAXIM-MAX8560EZK-T Datasheet
819Kb / 12P
4MHz, 500mA Synchronous Step-Down DC-DC Converters in Thin SOT and TDFN
2005
MAX8561 MAXIM-MAX8561 Datasheet
98Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A September 24, 2003
More results

Similar Description - MAX856

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX608 MAXIM-MAX608 Datasheet
136Kb / 12P
5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller
Rev 0; 9/95
MAX710 MAXIM-MAX710 Datasheet
140Kb / 12P
3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
Rev 0; 7/97
MAX731 MAXIM-MAX731 Datasheet
490Kb / 12P
5V/Adjustable Step-Up Current-Mode DC-DC Converters
19-4672; Rev 3; 3/96
MAX756 MAXIM-MAX756 Datasheet
111Kb / 8P
3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
Rev. 2; 1/95
MAX777L MAXIM-MAX777L Datasheet
117Kb / 12P
Low-Voltage Input, 3V/3.3V/5V/ Adjustable Output, Step-Up DC-DC Converters
Rev 2; 7/96
MAX866 MAXIM-MAX866 Datasheet
139Kb / 12P
3.3V/5V or Adjustable-Output, Single-Cell DC-DC Converters
Rev 1; 5/96
MAX877 MAXIM-MAX877 Datasheet
128Kb / 12P
5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
Rev 1; 5/94
MAX777 MAXIM-MAX777 Datasheet
215Kb / 3P
Low-Voltage-Input, 3V/3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
8/93
MAX752CWE MAXIM-MAX752CWE Datasheet
493Kb / 12P
5V/Adjustable Step-Up Current-Mode DC-DC Converters
Rev 3; 3/96
logo
Linear Technology
LT1302 LINER-LT1302_15 Datasheet
323Kb / 16P
Micropower High Output Current Step-Up Adjustable and Fixed 5V DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com