Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX856 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX856
Description  3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX856 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX856 Datasheet HTML 1Page - Maxim Integrated Products MAX856 Datasheet HTML 2Page - Maxim Integrated Products MAX856 Datasheet HTML 3Page - Maxim Integrated Products MAX856 Datasheet HTML 4Page - Maxim Integrated Products MAX856 Datasheet HTML 5Page - Maxim Integrated Products MAX856 Datasheet HTML 6Page - Maxim Integrated Products MAX856 Datasheet HTML 7Page - Maxim Integrated Products MAX856 Datasheet HTML 8Page - Maxim Integrated Products MAX856 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3.3V/5V or Adjustable-Output,
Step-Up DC-DC Converters
_______________________________________________________________________________________
3
100
20
10
0
0.01
0.001
0.1
10
1
100
1000
MAX858/MAX859
EFFICIENCY vs. OUTPUT CURRENT
VOUT = 3.3V
40
30
50
LOAD CURRENT (mA)
60
70
80
90
VIN = 2.0V
VIN = 2.5V
VIN = 1.5V
100
20
10
0
0.01
0.001
0.1
10
1
100
1000
MAX858/MAX859
EFFICIENCY vs. OUTPUT CURRENT
VOUT = 5V
40
30
50
LOAD CURRENT (mA)
60
70
80
90
VIN = 2.5V
VIN = 3.3V
VIN = 1.5V
100
20
10
0
0.01
0.001
0.1
10
1
100
1000
MAX856/MAX857
EFFICIENCY vs. OUTPUT CURRENT
VOUT = 5V
40
30
50
LOAD CURRENT (mA)
60
70
80
90
VIN = 2.0V
VIN = 3.3V
VIN = 1.5V
100
20
10
0
0.01
0.001
0.1
10
1
100
1000
MAX856/MAX857
EFFICIENCY vs. OUTPUT CURRENT
VOUT = 3.3V
40
30
50
LOAD CURRENT (mA)
60
70
80
90
VIN = 2.0V
VIN = 2.5V
VIN = 1.5V
__________________________________________Typical Operating Characteristics
(Circuits of Figure 2, TA = +25°C, unless otherwise noted.)
ELECTRICAL CHARACTERISTICS (continued)
(Circuits of Figure 2, VIN = 2.5V, ILOAD = 0mA, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Note 2: Supply current from the 3.3V output is measured with an ammeter between the 3.3V output and OUT pin. This current
correlates directly with actual battery supply current, but is reduced in value according to the step-up ratio and efficiency.
VOUT = 3.47V to keep the internal switch open when measuring the current into the device.
Note 3: Minimum value is production tested. Maximum value is guaranteed by design and is not production tested.
S
H
D
N
, 3/
5
Input Voltage Low
0.4
V
S
H
D
N
, 3/
5
Input Voltage High
1.6
V
S
H
D
N
, 3/
5
, FB, LBI Input Current
LBI = 1.5V, FB = 1.5V,
S
H
D
N
= 0V or 3V, 3/
5
= 0V or 3V
±100
nA
FB Voltage
MAX857/MAX859
1.22
1.25
1.28
V
Output Voltage Range
MAX857/MAX859, ILOAD = 0mA (Note 3)
2.7
6.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com