Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV5053 Datasheet(PDF) 1 Page - Texas Instruments

Part # DRV5053
Description  DRV5053 Analog-Bipolar Hall Effect Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV5053 Datasheet(HTML) 1 Page - Texas Instruments

  DRV5053_15 Datasheet HTML 1Page - Texas Instruments DRV5053_15 Datasheet HTML 2Page - Texas Instruments DRV5053_15 Datasheet HTML 3Page - Texas Instruments DRV5053_15 Datasheet HTML 4Page - Texas Instruments DRV5053_15 Datasheet HTML 5Page - Texas Instruments DRV5053_15 Datasheet HTML 6Page - Texas Instruments DRV5053_15 Datasheet HTML 7Page - Texas Instruments DRV5053_15 Datasheet HTML 8Page - Texas Instruments DRV5053_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
B (mT)
VOUT (V)
BMAX (S)
BMIN (N)
VMAX
VMIN
VQ
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
DRV5053
SLIS153B – MAY 2014 – REVISED SEPTEMBER 2014
DRV5053 Analog-Bipolar Hall Effect Sensor
1 Features
2 Applications
1
Linear Output Hall Sensor
Flow Meters
Superior Temperature Stability
Docking Adjustment
Vibration Correction
Sensitivity ±10% Over Temperature
Damper Controls
High Sensitivity Options:
–11 mV/mT (OA)
3 Description
–23 mV/mT (PA)
The DRV5053 device is a chopper-stabilized Hall IC
–45 mV/mT (RA)
that offers a magnetic sensing solution with superior
–90 mV/mT (VA)
sensitivity stability over temperature and integrated
protection features.
+23 mV/mT (CA)
+45 mV/mT (EA)
The 0- to 2-V analog output responds linearly to the
applied magnetic flux density, and distinguishes the
Supports a Wide Voltage Range
polarity of magnetic field direction. A wide operating
2.5 to 38 V
voltage range from 2.5 to 38 V with reverse polarity
No External Regulator Required
protection up to –22 V makes the device suitable for
a wide range of industrial and consumer applications.
Wide Operating Temperature Range
TA = –40 to 125°C (Q)
Internal protection functions are provided for reverse
supply conditions, load dump, and output short circuit
Amplified Output Stage
or overcurrent.
2.3-mA Sink, 300 µA Source
Output voltage: 0.2 ~ 1.8 V
Device Information(1)
B = 0 mT, OUT = 1 V
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SOT-23 (3)
2.92 mm × 2.37 mm
Fast Power-On: 35 µs
DRV5053
SIP (3)
4.00 mm × 3.15 mm
Small Package and Footprint
(1) For all available packages, see the orderable addendum at
Surface Mount 3-Pin SOT-23 (DBZ)
the end of the data sheet.
2.92 mm × 2.37 mm
Through-Hole 3-Pin SIP (LPG)
4.00 mm × 3.15 mm
Protection Features
Reverse Supply Protection (up to –22 V)
Supports up to 40-V Load Dump
Output Short-Circuit Protection
Output Current Limitation
4 Output State
SOT-23
SIP
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DRV5053_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5053-Q1 TI1-DRV5053-Q1 Datasheet
1Mb / 27P
Automotive Analog-Bipolar Hall Effect Sensor
DRV5053-Q1 TI2-DRV5053-Q1 Datasheet
892Kb / 29P
DRV5053-Q1 Automotive Analog-Bipolar Hall Effect Sensor
REVISED DECEMBER 2015
DRV5053-Q1 TI2-DRV5053-Q1 Datasheet
1Mb / 28P
DRV5053 Analog-Bipolar Hall Effect Sensor
REVISED FEBRUARY 2023
DRV5053-Q1 TI-DRV5053-Q1_15 Datasheet
1Mb / 26P
DRV5053-Q1 Automotive Analog-Bipolar Hall Effect Sensor
DRV5053CAEDBZRQ1 TI1-DRV5053CAEDBZRQ1 Datasheet
1Mb / 27P
Automotive Analog-Bipolar Hall Effect Sensor
More results

Similar Description - DRV5053_15

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSH41 FOSLINK-FSH41 Datasheet
145Kb / 5P
BIPOLAR HALL EFFECT POSITION SENSOR
logo
SEC Electronics Inc.
SS41 SECELECTRONICS-SS41 Datasheet
195Kb / 6P
Bipolar Hall-Effect Position Sensor
SS539 SECELECTRONICS-SS539 Datasheet
235Kb / 5P
Bipolar Hall-Effect Position Sensor
logo
Texas Instruments
DRV5053-Q1 TI-DRV5053-Q1_15 Datasheet
1Mb / 26P
DRV5053-Q1 Automotive Analog-Bipolar Hall Effect Sensor
DRV5053-Q1 TI1-DRV5053-Q1 Datasheet
1Mb / 27P
Automotive Analog-Bipolar Hall Effect Sensor
DRV5053 TI1-DRV5053 Datasheet
1Mb / 25P
DRV5053 Analog-Bipolar Hall Effect Sensor
logo
SEC Electronics Inc.
SS539_1311 SECELECTRONICS-SS539_1311 Datasheet
218Kb / 5P
Bipolar Hall-Effect Position Sensor
logo
Seiko Instruments Inc
S-5742NBL0B-Y3N2U SII-S-5742NBL0B-Y3N2U Datasheet
1Mb / 21P
BIPOLAR HALL EFFECT LATCH
logo
Honeywell Solid State E...
SS41 HONEYWELL-SS41 Datasheet
1Mb / 8P
Bipolar Hall-Effect Digital Position Sensor ICs
SS41F HONEYWELL-SS41F Datasheet
291Kb / 5P
Low-cost Digital Bipolar Hall-effect Sensor ICs
September 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com