Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV5053 Datasheet(PDF) 2 Page - Texas Instruments

Part # DRV5053
Description  DRV5053 Analog-Bipolar Hall Effect Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV5053 Datasheet(HTML) 2 Page - Texas Instruments

  DRV5053_15 Datasheet HTML 1Page - Texas Instruments DRV5053_15 Datasheet HTML 2Page - Texas Instruments DRV5053_15 Datasheet HTML 3Page - Texas Instruments DRV5053_15 Datasheet HTML 4Page - Texas Instruments DRV5053_15 Datasheet HTML 5Page - Texas Instruments DRV5053_15 Datasheet HTML 6Page - Texas Instruments DRV5053_15 Datasheet HTML 7Page - Texas Instruments DRV5053_15 Datasheet HTML 8Page - Texas Instruments DRV5053_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
DRV5053
SLIS153B – MAY 2014 – REVISED SEPTEMBER 2014
www.ti.com
Table of Contents
1
Features .................................................................. 1
8
Detailed Description .............................................. 8
8.1
Overview ................................................................... 8
2
Applications ........................................................... 1
8.2
Functional Block Diagram ......................................... 8
3
Description ............................................................. 1
8.3
Feature Description................................................... 9
4
Output State ........................................................... 1
8.4
Device Functional Modes........................................ 11
5
Revision History..................................................... 2
9
Application and Implementation ........................ 12
6
Pin Configuration and Functions ......................... 3
9.1
Application Information............................................ 12
7
Specifications......................................................... 4
9.2
Typical Applications ................................................ 12
7.1
Absolute Maximum Ratings ...................................... 4
10
Power Supply Recommendations ..................... 14
7.2
Handling Ratings ...................................................... 4
11
Device and Documentation Support ................. 15
7.3
Recommended Operating Conditions ....................... 4
11.1
Device Support...................................................... 15
7.4
Thermal Information .................................................. 4
11.2
Trademarks ........................................................... 16
7.5
Electrical Characteristics........................................... 5
11.3
Electrostatic Discharge Caution ............................ 16
7.6
Switching Characteristics .......................................... 5
11.4
Glossary ................................................................ 16
7.7
Magnetic Characteristics........................................... 5
12
Mechanical, Packaging, and Orderable
7.8
Typical Characteristics .............................................. 7
Information ........................................................... 16
5 Revision History
Changes from Revision A (August 2014) to Revision B
Page
Updated high sensitivity options ............................................................................................................................................ 1
Updated the sensitivity device values and typicals. Updated typical and max values for DRV5053VA: –80 mV/mT .......... 6
Updated Typical Characteristics graphs ................................................................................................................................ 7
Changes from Original (May 2014) to Revision A
Page
Updated device status to production data ............................................................................................................................. 1
Changed the maximum TJ value from 175°C to 150°C ......................................................................................................... 4
Updated Magnetic Characteristics table. ............................................................................................................................... 5
2
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: DRV5053



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com