Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX951ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX951ESA
Description  Ultra-Low-Power, Single-Supply Op Amp Comparator Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX951ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX951ESA Datasheet HTML 1Page - Maxim Integrated Products MAX951ESA Datasheet HTML 2Page - Maxim Integrated Products MAX951ESA Datasheet HTML 3Page - Maxim Integrated Products MAX951ESA Datasheet HTML 4Page - Maxim Integrated Products MAX951ESA Datasheet HTML 5Page - Maxim Integrated Products MAX951ESA Datasheet HTML 6Page - Maxim Integrated Products MAX951ESA Datasheet HTML 7Page - Maxim Integrated Products MAX951ESA Datasheet HTML 8Page - Maxim Integrated Products MAX951ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Ultra-Low-Power, Single-Supply
Op Amp + Comparator + Reference
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 2.8V to 7V for MAX951/MAX952, VDD = 2.4V to 7V for MAX953/MAX954, VSS = 0V, VCM COMP = 0V for the MAX953/MAX954,
VCM OPAMP = 0V, AMPOUT = (VDD + VSS) / 2, COMPOUT = low, TA = TMIN to TMAX, typical values are at TA = +25°C, unless
otherwise noted.)
MAX95_M
MAX95_E
TA = +25°C
MAX953/MAX954, VDD = 2.4V to 7V
MAX95_MJA
MAX951/MAX952, VDD = 2.8V to 7V
MAX95_EUA (µMAX)
MAX95_EPA/ESA
TA = +25°C
IOUT = ±20µA, TA = +25°C
MAX95_MJA
0.1Hz to 10Hz
MAX95_EUA (µMAX)
MAX95_EPA/ESA
CL = 100pF, TA =
+25°C, VDD - VSS = 5V
ISOURCE = 2mA
ISINK = 1.8mA
IOUT = ±3µA, MAX95_M
IOUT = ±6µA, MAX95_E
CONDITIONS
100
1000
nA
0.003
40
IB
Input Bias Current
0.003
5
0.003
0.050
mV
5
VOS
Input Offset Voltage
5
4
1
3
µVp-p
16
en
Voltage Noise
%
1.5
Load Regulation
1.5
22
mV/V
0.05
1
PSRR
0.05
1
Power-Supply Rejection Ratio
0.1
V
1.164
1.200
1.236
VREF
Reference Voltage
(Note 5)
1.130
1.200
1.270
1.176
1.200
1.224
µs
4
Tpd
Response Time
V
VDD - 0.4V
VOH
Output High Voltage
V
VSS + 0.4V
VOL
Output Low Voltage
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
50
10
40
150
25
5
AV = +1V/V, MAX951/MAX953, VDD - VSS = 5V
20
Gain Bandwidth
GBW
AV = +10V/V, MAX952/MAX954, VDD - VSS = 5V
125
kHz
AV = +1V/V, MAX951/MAX953, VDD - VSS = 5V
12.5
Slew Rate
SR
AV = +10V/V, MAX952/MAX954, VDD - VSS = 5V
66
V/ms
0.07
1.0
Power-Supply Rejection Ratio
PSRR
VDD = 2.4V to 7V, MAX953/MAX954
0.07
1.0
mV/V
en
fo = 1kHz
80
nV
√Hz
VOD = 10mV
VOD = 100mV
TA = +25°C
MAX95_E
MAX95_M
TA = +25°C
MAX95_E
MAX95_M
VDD = 2.8V to 7V, MAX951/MAX952
Input Noise Voltage
fo = 0.1Hz to 10Hz
1.2
µVp-p
AMPOUT = 0.5V to
4.5V, VDD - VSS = 5V
AVOL
Large-Signal Gain
(no load)
V/mV
AMPOUT = 0.5V to
4.5V, VDD - VSS = 5V
AVOL
Large-Signal Gain
(100k
Ω load to VSS)
V/mV
Common-Mode Input Range
CMVR
VSS
VDD - 1.6
V
Common-Mode Rejection Ratio
CMRR
VCM OPAMP = VSS to (VDD - 1.6V)
0.03
1
mV/V
REFERENCE
OP AMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com