Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX951ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX951ESA
Description  Ultra-Low-Power, Single-Supply Op Amp Comparator Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX951ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX951ESA Datasheet HTML 2Page - Maxim Integrated Products MAX951ESA Datasheet HTML 3Page - Maxim Integrated Products MAX951ESA Datasheet HTML 4Page - Maxim Integrated Products MAX951ESA Datasheet HTML 5Page - Maxim Integrated Products MAX951ESA Datasheet HTML 6Page - Maxim Integrated Products MAX951ESA Datasheet HTML 7Page - Maxim Integrated Products MAX951ESA Datasheet HTML 8Page - Maxim Integrated Products MAX951ESA Datasheet HTML 9Page - Maxim Integrated Products MAX951ESA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
COMPARATOR SHORT-CIRCUIT
CURRENT vs. SUPPLY VOLTAGE
-50
0
100
50
150
200
250
SUPPLY VOLTAGE (V)
SOURCING CURRENT
SINKING CURRENT
2 2.5 3
3.5 4 4.5 5 5.5
6 6.5 7
Ultra-Low-Power, Single-Supply
Op Amp + Comparator + Reference
6
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
1
10
2000
1000
100
OP-AMP OUTPUT VOLTAGE
vs. LOAD CURRENT
A, D: VSUPPLY = ±1.5V
B, E: VSUPPLY = ±2.5V
C, F: VSUPPLY = ±3.5V
SOURCING CURRENT
SINKING CURRENT
NONINVERTING
AMPIN+ = GND
D
E
F
A
B C
-0.10
-0.08
-0.06
-0.04
-0.02
0.02
0.04
0.06
0.08
0.10
0.10
LOAD CURRENT (
µA)
OP-AMP SHORT-CIRCUIT CURRENT
vs. SUPPLY VOLTAGE
NONINVERTING
AMPIN+ =(VDD - VSS)/2
SHORT TO VSS
SHORT TO VDD
-1000
-500
500
0
1000
1500
2000
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
SUPPLY VOLTAGE (V)
OP AMP PERCENT OVERSHOOT
vs. CAPACITIVE LOAD
A
D
E
F
C
B
MAX951/3 A = 1V/V
MAX952/4 A = 10V/V
AMPOUT = 1VPP
VCM = (VDD - VSS/2)
0
10
20
30
40
50
60
70
80
90
100
101
102
103
104
105
106
CAPACITIVE LOAD (pF)
PARTS
VSUPPLY
A: MAX951/2 3V
B: MAX951/3 5V
D: MAX952/4 3V
E: MAX952/4 5V
0.01
1
0.1
10
200
100
COMPARATOR OUTPUT VOLTAGE
vs. LOAD CURRENT
VSUPPLY = 5V
SOURCING CURRENT
SINKING CURRENT
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
LOAD CURRENT (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com