Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD3023 Datasheet(PDF) 2 Page - Solid State Optronic

Part # TD3023
Description  Random Phase Switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

TD3023 Datasheet(HTML) 2 Page - Solid State Optronic

  TD3023 Datasheet HTML 1Page - Solid State Optronic TD3023 Datasheet HTML 2Page - Solid State Optronic TD3023 Datasheet HTML 3Page - Solid State Optronic TD3023 Datasheet HTML 4Page - Solid State Optronic TD3023 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TD3023
Random Phase Switching
Triac Driver
ELECTRICAL CHARACTERISTICS - 25°C
PARAMETER
UNIT
MIN
TYP
MAX
TEST CONDITIONS
INPUT SPECIFICATIONS
LED Forward Voltage
V
1.2
1.5
If = 10mA
LED Reverse Voltage
V
612
Ir = 10uA
Turn-On Current
m
2
5
Io = 100mA
A
Turn-Off Current
m
0.5
A
OUTPUT SPECIFICATIONS
Blocking Voltage
V
400
Io = 1uA
Continuous Load Current
m
100
Iin = 5mA
A
Holding Current
µ
250
A
Leakage Current
µ
1
Vo = 400V
A
On-State Voltage
V
2
3
Iin = 5mA
Critical Rate of Rise
V
1000
1500
/
µ s
COUPLED SPECIFICATIONS
Isolation Voltage
V
5000
T = 1 minute
Coupled Capacitance
p
2
F
www.ssousa.com • +1.408.293.4600
Page 2 of 5
TD3023
rev 1.41 (12/22/2008)
© 2008 Solid State Optronics • San José, CA
Vdc
400V
R = 1 k
CTEST 200pF
X100
SCOPE
PROBE
PULSE
INPUT
MERCURY
WETTED
RELAY
252 V
0 VOLTS
APPLIED VOLTAGE
WAVEFORM
Vmax =
dv/dt =
0.63 Vmax
=
252
RTEST
D.U.T.
D.U.T.
RC
RC
RC
400 V
STATIC dV/dt TEST CIRCUIT
Note 1: Resistive load. For inductive loads, higher drive current is recommended
(See Note 1 below)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com