Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD3023 Datasheet(PDF) 3 Page - Solid State Optronic

Part # TD3023
Description  Random Phase Switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

TD3023 Datasheet(HTML) 3 Page - Solid State Optronic

  TD3023 Datasheet HTML 1Page - Solid State Optronic TD3023 Datasheet HTML 2Page - Solid State Optronic TD3023 Datasheet HTML 3Page - Solid State Optronic TD3023 Datasheet HTML 4Page - Solid State Optronic TD3023 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TD30
23
Random Switching
Triac Driver
PERFORMANCE DATA
0
20
40
60
80
100
120
Tem perature (C)
TD30
23
Maximum Load Current vs. Temperature
© 2008 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 3 of 5
TD3023
rev 1.41 (12/22/2008)
TD3023: On-State Characteristics
VTM, ON-STATE VOLTAGE(VOLTS)
TD3023: Leakage with LED Off vs. Temperature
Ta,AMBIENT TEMPERATURE (°C)
TD3023: Trigger Current vs. Temperature
Ta,AMBIENT TEMPERATURE (°C)
0
10
20
30
40
50
60
425 450 475 500 525 550 575 600
Blocking Voltage (V)
TD3023
Typical Blocking Voltage Distribution
N = 100, Ambient Temperature = 25°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com