Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX992ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX992ESA
Description  High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX992ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX992ESA Datasheet HTML 1Page - Maxim Integrated Products MAX992ESA Datasheet HTML 2Page - Maxim Integrated Products MAX992ESA Datasheet HTML 3Page - Maxim Integrated Products MAX992ESA Datasheet HTML 4Page - Maxim Integrated Products MAX992ESA Datasheet HTML 5Page - Maxim Integrated Products MAX992ESA Datasheet HTML 6Page - Maxim Integrated Products MAX992ESA Datasheet HTML 7Page - Maxim Integrated Products MAX992ESA Datasheet HTML 8Page - Maxim Integrated Products MAX992ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX987/MAX988/MAX991/MAX992/MAX995/
MAX996 single/dual/quad micropower comparators
feature low-voltage operation and Rail-to-Rail® inputs
and outputs. Their operating voltage ranges from +2.5V
to +5.5V, making them ideal for both 3V and 5V sys-
tems. These comparators also operate with ±1.25V to
±2.75V dual supplies. They consume only 48µA per
comparator while achieving a 120ns propagation delay.
The common-mode input voltage range extends 250mV
beyond the supply rails. Input bias current is typically
1.0pA, and input offset voltage is typically 0.5mV.
Internal hysteresis ensures clean output switching,
even with slow-moving input signals.
The output stage’s unique design limits supply-current
surges while switching, virtually eliminating the supply
glitches typical of many other comparators. This design
also minimizes overall power consumption under
dynamic conditions. The MAX987/MAX991/MAX995
have a push/pull output stage that sinks as well as
sources current. Large internal output drivers allow rail-
to-rail output swing with loads up to 8mA. The
MAX988/MAX992/MAX996 have an open-drain output
stage that can be pulled beyond VCC to 6V (max)
above VEE. These open-drain versions are ideal for
level translators and bipolar to single-ended converters.
The single MAX987/MAX988 are available in tiny 5-pin
SOT23 packages.
____________________________Features
o 120ns Propagation Delay
o 48µA Quiescent Supply Current
o +2.5V to +5.5V Single-Supply Operation
o Common-Mode Input Voltage Range Extends
250mV Beyond the Rails
o Push/Pull Output Stage Sinks and Sources
8mA Current (MAX987/MAX991/MAX995)
o Open-Drain Output Voltage Extends Beyond VCC
(MAX988/MAX992/MAX996)
o Unique Output Stage Reduces Output Switching
Current, Minimizing Overall Power Consumption
o 100µA Supply Current at 1MHz Switching
Frequency
o No Phase Reversal for Overdriven Inputs
o Available in Space-Saving Packages:
5-Pin SOT23 (MAX987/MAX988)
8-Pin
µMAX (MAX991/MAX992)
High-Speed, Micropower, Low-Voltage,
SOT23, Rail-to-Rail I/O Comparators
________________________________________________________________
Maxim Integrated Products
1
VCC
IN-
IN+
1
5
VEE
OUT
MAX987
MAX988
SOT23
TOP VIEW
2
3
4
_________________Pin Configurations
19-1266; Rev 0b; 7/97
PART
MAX987EUK-T
MAX987ESA
MAX988EUK-T
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-
PACKAGE
5 SOT23-5
8 SO
5 SOT23-5
______________Ordering Information
Ordering Information continued at end of data sheet.
Typical Application Circuit appears at end of data sheet.
COMPARATORS
PER PACKAGE
OUTPUT
STAGE
MAX987
1
Push/Pull
MAX991
2
Push/Pull
PART
MAX992
2
Open-Drain
MAX995
4
Push/Pull
MAX996
4
Open-Drain
PIN-
PACKAGE
8 SO/
5 SOT23-5
8 SO/µMAX
8 SO/µMAX
14 SO
14 SO
8 SO/
5 SOT23-5
MAX988
1
Open-Drain
Rail-to-Rail is a registered trademark of Nippon Motorola Ltd.
Pin Configurations continued at end of data sheet.
MAX988ESA
-40°C to +85°C
8 SO
SOT
TOP MARK
ABZB
—
ABZC
—
Portable/Battery-
Powered Systems
Mobile Communications
Zero-Crossing Detectors
Window Comparators
Level Translators
Threshold Detectors/
Discriminators
Ground/Supply Sensing
IR Receivers
Digital Line Receivers
_____________________Selector Guide
________________________Applications
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.


Similar Part No. - MAX992ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX992ESA MAXIM-MAX992ESA Datasheet
329Kb / 13P
High-Speed, Micropower, Low-Voltage
Rev 2; 1/07
MAX992ESA MAXIM-MAX992ESA Datasheet
329Kb / 13P
High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail IO Comparators
Rev 2; 1/07
More results

Similar Description - MAX992ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4162 MAXIM-MAX4162 Datasheet
152Kb / 12P
SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
Rev 0; 4/97
MAX965 MAXIM-MAX965 Datasheet
116Kb / 12P
Single/Dual/Quad, Micropower, Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
Rev 0; 4/97
MAX985 MAXIM-MAX985 Datasheet
453Kb / 13P
Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 3; 9/02
logo
STMicroelectronics
TS3022 STMICROELECTRONICS-TS3022 Datasheet
27Kb / 1P
Rail-to-Rail 1.8V High-Speed Micropower Comparators
Jan-2005
logo
Maxim Integrated Produc...
MAX985 MAXIM-MAX985_07 Datasheet
342Kb / 13P
Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 4; 1/07
MAX987 MAXIM-MAX987_07 Datasheet
329Kb / 13P
High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 2; 1/07
MAX985_V5 MAXIM-MAX985_V5 Datasheet
309Kb / 12P
Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 5; 4/12
MAX985 MAXIM-MAX985_12 Datasheet
369Kb / 12P
Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 6; 8/12
logo
STMicroelectronics
TS334IDT STMICROELECTRONICS-TS334IDT Datasheet
1Mb / 27P
Micropower low-voltage, rail-to-rail comparators
30-Apr-2013
logo
Maxim Integrated Produc...
MAX987EUK MAXIM-MAX987EUK Datasheet
329Kb / 13P
High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail IO Comparators
Rev 2; 1/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com