Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX992ESA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX992ESA
Description  High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX992ESA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX992ESA Datasheet HTML 4Page - Maxim Integrated Products MAX992ESA Datasheet HTML 5Page - Maxim Integrated Products MAX992ESA Datasheet HTML 6Page - Maxim Integrated Products MAX992ESA Datasheet HTML 7Page - Maxim Integrated Products MAX992ESA Datasheet HTML 8Page - Maxim Integrated Products MAX992ESA Datasheet HTML 9Page - Maxim Integrated Products MAX992ESA Datasheet HTML 10Page - Maxim Integrated Products MAX992ESA Datasheet HTML 11Page - Maxim Integrated Products MAX992ESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
High-Speed, Micropower, Low-Voltage,
SOT23, Rail-to-Rail I/O Comparators
10
______________________________________________________________________________________
Zero-Crossing Detector
Figure 3 shows a zero-crossing detector application.
The MAX987’s inverting input is connected to ground,
and its noninverting input is connected to a 100mVp-p
signal source. As the signal at the noninverting input
crosses 0V, the comparator’s output changes state.
Logic-Level Translator
Figure 4 shows an application that converts 5V logic lev-
els to 3V logic levels. The MAX988 is powered by the +5V
supply voltage, and the pull-up resistor for the MAX988’s
open-drain output is connected to the +3V supply volt-
age. This configuration allows the full 5V logic swing with-
out creating overvoltage on the 3V logic inputs. For 3V to
5V logic-level translation, simply connect the +3V supply
to VCC and the +5V supply to the pull-up resistor.
MAX987
IN+
4
3
OUT
1
2
5
VCC
100mV
VCC
VEE
IN-
0.1
µF
MAX988
IN-
100k
100k
4
3
RPULL-UP
3V (5V)
LOGIC OUT
OUT
1
5
2
VCC
+5V (+3V)
+3V (+5V)
VEE
5V (3V) LOGIC IN
IN+
0.1
µF
Figure 3. Zero-Crossing Detector
Figure 4. Logic-Level Translator
_____________________________________________Pin Configurations (continued)
14
13
12
11
10
9
8
1
2
3
4
5
6
7
OUTD
IND-
IND+
VEE
VCC
INA+
INA-
OUTA
MAX995
MAX996
INC+
INC-
OUTC
OUTB
INB-
INB+
SO
OUT
N.C.
VEE
1
2
8
7
N.C.
VCC
IN-
IN+
N.C.
SO
TOP VIEW
3
4
6
5
MAX987
MAX988
INB-
INB+
VEE
1
2
8
7
VCC
OUTB
INA-
INA+
OUTA
SO/
µMAX
3
4
6
5
MAX991
MAX992



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com