Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M35052 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M35052
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35052 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M35052 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
MITSUBISHI MICROCOMPUTERS
M35052-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
4
MEMORY CONSTITUTION
Address 0016 to EF16 are assigned to the display RAM, address F016
to F816 are assigned to the display control registers.
The internal circuit is reset and all display control registers (address
F016 to F816) are set to “0” and display RAM (address 0016 to EF16)
__
are RAM erased when the AC pin level is “L”.
Set “0” in any of DA7, DAD through DAF of addresses 0016 through
EF16, and of DAE and DAF of addresses F016 through F816.
Setting the blank code “FF16” as a character code is an exception.
TESTn (n : a number) is MITSUBISHI test memory, so be sure to
observe the setting conditions.
DA5
C5
C5
SEPV1
HP5
VP5
VSZ11
DSP5
MPAL
BG
CURS5
STOP1
DAA
EC2
EC2
TEST10
DVP2
EVP2
EFLD0
SPACE
TEST17
TEST0
TEST22
EHP2
Bit
Address
0016
EF16
F016
F116
F216
F316
F416
F516
F616
F716
F816
DAF
0
0
0
0
0
0
0
0
0
0
0
DAE
0
0
0
0
0
0
0
0
0
0
0
DAD
0
0
TEST25
TEST26
TEST27
TEST28
TEST29
TEST30
TEST31
TEST32
LEVEL1
DAC
REV
REV
__________
W/R
DVP4
EVP4
TEST12
TEST14
TEST19
TEST2
TEST24
EHP4
BLINK
TEST11
DVP3
EVP3
EFLD1
TEST13
______________
MB/LB
TEST1
RGBON
EHP3
DAB
BLINK
Encode data or
character color
DA9
EC1
EC1
DECB1
DVP1
EVP1
DFLD1
DSP9
TEST16
LBLACK
__________
CL17/18
EHP1
DA8
EC0
EC0
DECB0
DVP0
EVP0
DFLD0
DSP8
TEST15
________
LIN24/32
CBLINK
EHP0
DA7
0
0
SYSEP1
HP7
VP7
VSZ21
DSP7
EQP
BLKHF
CURS7
RAMERS
DA6
C6
C6
SYSEP0
HP6
VP6
VSZ20
DSP6
PALH
BB
CURS6
DSPON
DA4
C4
C4
SEPV0
HP4
VP4
VSZ10
DSP4
_______
INT/NON
BR
CURS4
STOPIN
DA3
C3
C3
PTD1
HP3
VP3
HSZ21
DSP3
_______
N/P
LEVEL0
CURS3
SCOR
DA2
C2
C2
PTD0
HP2
VP2
HSZ20
DSP2
BLINK2
PHASE2
CURS2
EX
DA1
C1
C1
PTC1
HP1
VP1
HSZ11
DSP1
BLINK1
PHASE1
CURS1
BLK1
DA0
C0
C0
PTC0
HP0
VP0
HSZ10
DSP0
BLINK0
PHASE0
CURS0
BLK0
Port output specify and so on
Display mode specify
Blinking specify and so on
Raster color specify
Cursor display specify
Control display and so on
Vertical display start position and
Encode position specify
Character size and Encode EDecode
specify
Horizontal display start position and
Decode position specify
Remarks
Display RAM
Character code
Reversed
character
Blinking
Fig. 1 Memory constitution (M35052-XXXSP/FP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com