Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M35052 Datasheet(PDF) 41 Page - Mitsubishi Electric Semiconductor

Part # M35052
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35052 Datasheet(HTML) 41 Page - Mitsubishi Electric Semiconductor

Back Button M35052 Datasheet HTML 36Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 37Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 38Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 39Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 40Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 41Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 42Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 43Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 44Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
MITSUBISHI MICROCOMPUTERS
M35052-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
41
Customer s Parts Number
Note: The fonts and size of characters are standard Mitsubishi type.
Mitsubishi IC catalog name and Mitsubishi lot number
Notes 1 : The mark field should be written right aligned.
2 : The fonts and size of characters are standard Mitsubishi
type.
3 : Customer s Parts Number can be up to 10 characters: Only
0 to 9, A to Z, +, -, /, (, ), &, ', . (period), and , (comma) are
usable.
4 : If the Mitsubishi logo
is not required, check the box be-
low.
Mitsubishi logo is not required
20P2Q-A (20-PIN SSOP) MARK SPECIFICATION FORM
Mitsubishi IC catalog name
Please choose one of the marking types below (A, B, C), and enter the Mitsubishi IC catalog name and the special mark (if needed).
B. Customer s Parts Number + Mitsubishi IC Catalog Name
Mitsubishi IC catalog name
Mitsubishi IC catalog name
Note 1 : If the Special Mark is to be Printed, indicate the desired
layout of the mark in the left figure. The layout will be du-
plicated as close as possible.
Mitsubishi lot number (4-digit) and Mask ROM
number (3-digit) are always marked.
2 : If the customer s trade mark logo must be used in the
Special Mark, check the box below.
Please submit a clean original of the logo.
For the new special character fonts, a clean font original
(ideally logo drawing) must be submitted.
Special logo required
Special Mark (Customer s Trade Mark)
Mitsubishi IC catalog name
Mitsubishi lot number
(6-digit or 7-digit)
10
1
20
11
10
1
20
11
ROM number (3-digit)
Mitsubishi lot number (4-digit)
10
1
20
11
A. Standard Mitsubishi Mark
C. Special Mark Required



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com