Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2735XMFX/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM2735XMFX/NOPB
Description  LM2735-xx 520-kHz and 1.6-MHz Space-Efficient Boost and SEPIC DC-DC Regulator
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2735XMFX/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM2735XMFX/NOPB Datasheet HTML 5Page - Texas Instruments LM2735XMFX/NOPB Datasheet HTML 6Page - Texas Instruments LM2735XMFX/NOPB Datasheet HTML 7Page - Texas Instruments LM2735XMFX/NOPB Datasheet HTML 8Page - Texas Instruments LM2735XMFX/NOPB Datasheet HTML 9Page - Texas Instruments LM2735XMFX/NOPB Datasheet HTML 10Page - Texas Instruments LM2735XMFX/NOPB Datasheet HTML 11Page - Texas Instruments LM2735XMFX/NOPB Datasheet HTML 12Page - Texas Instruments LM2735XMFX/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
+
-
-
-
Control
( )
t
O
V
( )
t
C
I
( )
t
L
I
( )
t
L
V
1
D
1
Q
( )
t
SW
V
1
C
1
L
IN
V
LM2735, LM2735-Q1
www.ti.com
SNVS485G – JUNE 2007 – REVISED AUGUST 2015
7 Detailed Description
7.1 Overview
The LM2735 device is highly efficient and easy-to-use switching regulator for boost and SEPIC applications. The
device provides regulated DC output with fast transient response. Device architecture (current mode control) and
internal compensation enable solutions with minimum number of external components. Additionally high
switching frequency allows for use of small external passive components (chip capacitors, SMD inductors) and
enables power solutions with very small PCB area. LM2735 also provides features such as soft start, pulse-by-
pulse current-limit, and thermal shutdown.
7.1.1 Theory of Operation
The LM2735 is a constant-frequency PWM boost regulator IC that delivers a minimum of 2.1 A peak switch
current. The regulator has a preset switching frequency of either 520 kHz or 1.6 MHz. This high frequency allows
the device to operate with small surface mount capacitors and inductors, resulting in a DC-DC converter that
requires a minimum amount of board space. The LM2735 is internally compensated, so it is simple to use, and
requires few external components. The device uses current-mode control to regulate the output voltage. The
following operating description of the LM2735 will refer to the simplified internal block diagram (Functional Block
Diagram), the simplified schematic (Figure 13), and its associated waveforms (Figure 14). The LM2735 supplies
a regulated output voltage by switching the internal NMOS control switch at constant frequency and variable duty
cycle. A switching cycle begins at the falling edge of the reset pulse generated by the internal oscillator. When
this pulse goes low, the output control logic turns on the internal NMOS control switch. During this on-time, the
SW pin voltage (VSW) decreases to approximately GND, and the inductor current (IL) increases with a linear
slope. IL is measured by the current sense amplifier, which generates an output proportional to the switch
current. The sensed signal is summed with the corrective ramp of the regulator and compared to the error
amplifier’s output, which is proportional to the difference between the feedback voltage and VREF. When the
PWM comparator output goes high, the output switch turns off until the next switching cycle begins. During the
switch off-time, inductor current discharges through diode D1, which forces the SW pin to swing to the output
voltage plus the forward voltage (VD) of the diode. The regulator loop adjusts the duty cycle (D) to maintain a
constant output voltage .
Figure 13. Simplified Schematic
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2735 LM2735-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com