Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2735XMFX/NOPB Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LM2735XMFX/NOPB
Description  LM2735-xx 520-kHz and 1.6-MHz Space-Efficient Boost and SEPIC DC-DC Regulator
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2735XMFX/NOPB Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM2735XMFX/NOPB Datasheet HTML 19Page - Texas Instruments LM2735XMFX/NOPB Datasheet HTML 20Page - Texas Instruments LM2735XMFX/NOPB Datasheet HTML 21Page - Texas Instruments LM2735XMFX/NOPB Datasheet HTML 22Page - Texas Instruments LM2735XMFX/NOPB Datasheet HTML 23Page - Texas Instruments LM2735XMFX/NOPB Datasheet HTML 24Page - Texas Instruments LM2735XMFX/NOPB Datasheet HTML 25Page - Texas Instruments LM2735XMFX/NOPB Datasheet HTML 26Page - Texas Instruments LM2735XMFX/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 59 page
background image
GND
FB
Vin
SW
1
C
5V
3
2
1
4
5
3
R
1
L
1
D
2
C
2
R
1
R
LOAD
R
3
C
VIN
SHDN
LM2735, LM2735-Q1
www.ti.com
SNVS485G – JUNE 2007 – REVISED AUGUST 2015
8.2.7 LM2735Y SOT-23 Design Example 7
Figure 28. LM2735Y (520 kHz): VIN = 3 V, VOUT = 5 V at 750 mA
PART ID
PART VALUE
MANUFACTURER
PART NUMBER
U1
2.1-A Boost Regulator
TI
LM2735YMF
C1 Input Capacitor
22 µF, 6.3 V, X5R
TDK
C2012X5R0J226M
C2 Output Capacitor
22 µF, 6.3 V, X5R
TDK
C2012X5R0J226M
C3 Comp Capacitor
1000 pF
TDK
C1608X5R1H102K
D1, Catch Diode
0.4 Vf Schottky 1 A, 20 VR
ST
STPS120M
L1
22 µH 1.2 A
Coilcraft
MSS5131-223ML
R1
10.0 k
Ω, 1%
Vishay
CRCW08051002F
R2
30.1 k
Ω, 1%
Vishay
CRCW08053012F
R3
100 k
Ω, 1%
Vishay
CRCW06031003F
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LM2735 LM2735-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com