Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCT02G-S14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # RCT02G-S14-R
Description  ENCODER FOR REMOTE CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RCT02G-S14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  RCT02G-S14-R Datasheet HTML 1Page - Unisonic Technologies RCT02G-S14-R Datasheet HTML 2Page - Unisonic Technologies RCT02G-S14-R Datasheet HTML 3Page - Unisonic Technologies RCT02G-S14-R Datasheet HTML 4Page - Unisonic Technologies RCT02G-S14-R Datasheet HTML 5Page - Unisonic Technologies RCT02G-S14-R Datasheet HTML 6Page - Unisonic Technologies RCT02G-S14-R Datasheet HTML 7Page - Unisonic Technologies RCT02G-S14-R Datasheet HTML 8Page - Unisonic Technologies RCT02G-S14-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
UNISONIC TECHNOLOGIES CO., LTD
RCT02
CMOS IC
www.unisonic.com.tw
1 of 11
Copyright © 2013 Unisonic Technologies Co., Ltd.
QW-R502-002. D
ENCODER FOR REMOTE
CONTROLLER WITH FIVE
FUNCTIONS
DESCRIPTION
The chip can be used with the decoder UTC RCR02 to provide a
complete control functions to the remote-controlled toy. The UTC
RCT02
has five input pins corresponding with the five function
buttons i.e, forward, backward, rightward, leftward and turbo. The
encoding circuit in the UTC RCT02 sends digital codes to the two
output pins SO and SC. The digital codes correspond to the definite
function buttons or their combinations. The SO and SC outputs are
used in wireless and infra-red applications respectively.
DIP-14
SOP-14
There is an internal oscillator in the UTC RCT02. By adding an external resistor conveniently, the oscillator will be
constructed. The oscillator frequency can be adjusted by the external resistor. The relative error between the
frequencies of the two on chip oscillators in the UTC RCT02 and UTC RCR02 must be less than ±25%.
The auto-power-off function is achieved by an internal counter. When the UTC RCT02 is powered on, the counter
is reset and begin to count. Any action of push down or release the function button also reset the counter. The PC
pin will keep on a high level until the counter counts up to about 4 minutes. The PC output is used to control on/off
state of the external power supply. Pressing OFF button can also shut down the power supply. Press on any function
button will wake up the chip promptly.
FEATURES
*Five input pins used for five control buttons
*Operating power-supply voltage range: 2.5 ~ 5.0V
*Auto-power-off if no press on any button in 4 minutes or
continuously press on any button over 4 minutes
*Manual-power-on/off with ON/OFF button
*One output pin used for external power control
*Press on any button as wake up
*On-chip oscillator with an external resistor
*Low operating current
*Few external components needed
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
RCT02L-D14-T
RCT02G-D14-T
DIP-14
Tube
RCT02L-S14-T
RCT02G-S14-T
SOP-14
Tube
RCT02L-S14-R
RCT02G-S14-R
SOP-14
Tape Reel


Similar Part No. - RCT02G-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RCT02 UTC-RCT02 Datasheet
148Kb / 11P
Encoder For Remote Controller With Five Functions CMOS IC
More results

Similar Description - RCT02G-S14-R

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2260 PTC-PT2260 Datasheet
118Kb / 2P
REMOTE CONTROL ENCODER?
PT2261A PTC-PT2261A Datasheet
149Kb / 5P
Remote Control Encoder?
PT2262 PTC-PT2262 Datasheet
355Kb / 7P
Remote Control Encoder
logo
Silan Microelectronics ...
SC5262 SILAN-SC5262 Datasheet
168Kb / 10P
REMOTE CONTROL ENCODER
logo
Unisonic Technologies
RCT02 UTC-RCT02 Datasheet
148Kb / 11P
Encoder For Remote Controller With Five Functions CMOS IC
UT912E UTC-UT912E Datasheet
152Kb / 8P
ENCODER FOR REMOTE CONTROLLER
RCT2E UTC-RCT2E Datasheet
119Kb / 6P
ENCODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
UT912E UTC-UT912E_10 Datasheet
190Kb / 8P
ENCODER FOR REMOTE CONTROLLER
RCT2E UTC-RCT2E_15 Datasheet
216Kb / 6P
ENCODER FOR REMOTE CONTROLLER
UT912E UTC-UT912E_15 Datasheet
302Kb / 9P
ENCODER FOR REMOTE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com