Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCT02G-S14-R Datasheet(PDF) 10 Page - Unisonic Technologies

Part # RCT02G-S14-R
Description  ENCODER FOR REMOTE CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RCT02G-S14-R Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button RCT02G-S14-R Datasheet HTML 3Page - Unisonic Technologies RCT02G-S14-R Datasheet HTML 4Page - Unisonic Technologies RCT02G-S14-R Datasheet HTML 5Page - Unisonic Technologies RCT02G-S14-R Datasheet HTML 6Page - Unisonic Technologies RCT02G-S14-R Datasheet HTML 7Page - Unisonic Technologies RCT02G-S14-R Datasheet HTML 8Page - Unisonic Technologies RCT02G-S14-R Datasheet HTML 9Page - Unisonic Technologies RCT02G-S14-R Datasheet HTML 10Page - Unisonic Technologies RCT02G-S14-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
RCT02
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
10 of 11
www.unisonic.com.tw
QW-R502-002. D
TYPICAL APPLICATION FOR TRANSIMIT CIRCUIT WITH 9V BATTERY
S1
S2 S3
S4
S5
S6
POWER
OFF
R7
200K
R12
10M
C12
0.01u
C11
4.7u
V7
4148
V4
4.7V
R9
330
R3
220K
CR1
27.145
V2
9014
R6
100
L1
2.2u
R4
6.8K
R10
1K
C8
0.02U
C3
47
C7
68
C9
68
R5
3.3K
V1
9014
V3
LED
R2
4.7K
L2
2.2u
V6
9013
R8
3.9K
V5
8550
R11
10M
B1
9V
A1
ANTENNA
L4
6.8u
C1
100
C2
150
C4
150
C6
0.2u
R1
100
L3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com