Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL8095 Datasheet(PDF) 3 Page - SHANGHAI BELLING CO., LTD.

Part # BL8095
Description  24V-1.2A Asynchronous Buck Converter in SOT23-6
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8095 Datasheet(HTML) 3 Page - SHANGHAI BELLING CO., LTD.

  BL8095 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8095 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8095 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8095 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8095 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8095 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.belling.com.cn
3
BL8095
ABSOLUTE MAXIMUM RATING
Parameter
Value
Max Input Voltage
30V
Max Operating Junction Temperature(Tj)
125C
Ambient Temperature(Ta)
-20C – 85C
Package Thermal Resistance
SOT23-6 (JC)
110C / W
SOT23-6 (JA)
220C / W
Storage Temperature(Ts)
-40C - 150C
Lead Temperature & Time
260C, 10S
ESD (HBM)
>2000V
Note: Exceed these limits to damage to the device. Exposure to absolute maximum rating conditions may affect
device reliability.
RECOMMENDED WORK CONDITIONS
Parameter
Value
Input Voltage Range
4V - 24V
Output Voltage Range
0.81 – 5.5V
Operating Junction Temperature(Tj)
-20C –125C
ELECTRICAL CHARACTERISTICS
(VIN=12V, TA=25C)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Input Voltage Range
4
24
V
VOUT
Output Voltage Range
0.81
5.5
V
Vref
Feedback Voltage
Vin=12V, Ven=5V
0.790
0.810
0.830
V
VUVLO
UVLO Voltage
Vin H-->L, Iout=0.5A
3.7
V
Ifb
Feedback Leakage current
0.1
0.4
uA
Iq
Quiescent Current
Active, Vfb=1V, No Switching
0.6
1.0
mA
Shutdown, Vin=8V
6
10
uA
LnReg
Line Regulation
Vin=5V to 12V
0.1
%/V
LdReg
Load Regulation
Iout=0.1 to 1.2A
0.02
%/A
Fsoc
Switching Frequency
Ven=3V, Vin=12V
1.0
1.4
1.8
MHz
RdsonH
High side Switch Rdson
Isw=200mA
250
350
mohm
Ilimit
Peak Inductor Current Limit
Vin=12V, Vout=5V
1.5
2
A
Venh
EN High Threshold
1
1.5
3
V
Venl
EN Low Threshold
0.5
V
Vovp
Input Over-Voltage Protection
Ven=3V
26
V
TSD
Over Temperature Proection
Hystersis=40
C
150
C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com